Electronic Components Datasheet Search
  English  ▼

X  

KMA36 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KMA36
Description  KMA36 universal magnetic encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KMA36 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KMA36 Datasheet HTML 1Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 2Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 3Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 4Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 5Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 6Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 7Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 8Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
KMA36 universal magnetic encoder
KMT36 Rev 4
www.meas-spec.com
2012-july
4/16
 System parameters
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
fdata
Update rate
1) 2)
24
720
Hz
tstart
Starting time
5
ms
αr
Resolution
H0=25 kA/m
3)
13
Bit
ΔαL
Linearity error
H0=25 kA/m
3)
±0.3
±1
°
ΔαH
Hysteresis error
H0=25 kA/m
3)
±0.1
±0.25
°
Vbwn
Brown-out reset voltage
2.7
V
tbwn
Brown-out reset pulse width
2
µs
Hy
Applied magnetic field
15
25
60
kA/m
RCOIL
Internal coil resistance
75
100
150
Ω
ΔPWM
PWM output resolution
10
bit
fPWM
PWM frequency
7.8
kHz
Table 4: System parameters
1)
Maximum is measured in speed mode with minimum oversampling. Minimum is measured with maximum oversampling.
2)
When using the analog-output configuration then update rate is fixed at 88Hz
3)
System parameters apply only for recommended measurement setup (please refer to the arrangement section)
SYSTEM OUTPUT
The system has two possible hardware output configurations: two-wire interface or analog output.
 Analog Output
The system has a Pulse Width Modulation unit with 10 bit resolution which can be easily coupled with a first
order low-pass filter
1) to generate an analog output between Vss and Vcc corresponding to 0° and 360°. In
this hardware configuration, all internal registers are loaded with initial values. No digital configuration is
necessary, all available configurations can be set by changing the hardware setup
2) of the KMA36.
1) Please refer to the typical application section for further information.
2) Please refer to the hardware configuration section for further information.
 I2C (Digital Output)
The KMA36 has an I
2C Interface unit (two-wire interface, standard I²C-bus specification defined by Philips
Semiconductors) with an 8-bit data bus which can be easily used to retrieve measurement and configuration
information. (Please refer to the two-wire interface section for details)
Update rate
fdata = 1 / (1.4 msec x oversampling / const)
SPD Bit
const
0
1
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com