Electronic Components Datasheet Search
  English  ▼

X  

KMA36 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KMA36
Description  KMA36 universal magnetic encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KMA36 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KMA36 Datasheet HTML 1Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 2Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 3Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 4Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 5Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 6Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 7Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 8Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
KMA36 universal magnetic encoder
KMA36 Rev 4
www.meas-spec.com
2012-july
1/16
Contactless Absolute 360° (180°) angle measurement
Incremental mode
Linear mode
Standard I2C Interface (100 kHz)
Programmable resolution up to 13 bit (0.04 degree)
Very low hysteresis
High accuracy mode
User programmable parameters
Low power mode
Sleep and automatic wake-up over I2C
Programmable zero position
Device address hardware configurable
Small Pb-Free package (TSSOP20)
RoHS compliant
DESCRIPTION
The KMA36 is a universal magnetic encoder for precise rotational or linear measurement. These position
sensors feature a system-on-chip technology that combines a magnetoresistive element along with analog
to digital converter and signal processing in a standard small package. By using Anisotropic Magneto Resis-
tive (AMR) technology, the KMA36 is able to determine contactlessly the magnetic angle of an external
magnet over 360°, as well as the incremental position on a magnetic pole strip with 5 mm pole length.
Its
sleep and low power mode as well as automatic wake-up over I2C
– make the KMA36 ideal for many
battery applications. Position data can be transmitted using a PWM or two-wire (SDA, SCL) communication
bus. Using the programmable parameters, the user can have access to a wide range of configuration to
ensure the maximum of freedom and functionalities.
KEY-FEATURES
Resolution
13 Bit / 0.04 degree
Operating power supply range of 3V to 5.5V
3.0
– 5.5V
Operating temperature
- 25 - +85 °C
Average current
10
– 30 mA
Sleep current
1.2 mA
Data Update rate
24
– 720 Hz
I
2C Clockrate
Up to 100 kBit/s
APPLICATIONS
Industrial environment
Harsh environment
Handling machine
Machine tools
Robotics
Potentiometer
Motor motion control


Similar Part No. - KMA36

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KMA36 TEC-KMA36 Datasheet
530Kb / 18P
Contactless Absolute 360째 (180째) angle measurement
logo
Humirel
KMA36 HUMIREL-KMA36 Datasheet
242Kb / 6P
Digital Component Sensor (DCS) Development Tools
logo
TE Connectivity Ltd
KMA36R TEC-KMA36R Datasheet
196Kb / 4P
Digital Magnetic Encoder Sensor
logo
Humirel
KMA36R HUMIREL-KMA36R Datasheet
144Kb / 3P
Digital Magnetic Encoder Sensor
More results

Similar Description - KMA36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT87C301 ETC-UT87C301 Datasheet
182Kb / 16P
UNIVERSAL DIGITAL T ENCODER
logo
NXP Semiconductors
100165 PHILIPS-100165 Datasheet
373Kb / 7P
Universal Priority Encoder
June 14 1990
logo
Bourns Electronic Solut...
EMS22 BOURNS-EMS22 Datasheet
1Mb / 8P
Non-Contacting Magnetic Encoder
logo
ams AG
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
High Resolution Magnetic Linear Encoder
AS5000-MA6H-1 AMSCO-AS5000-MA6H-1 Datasheet
73Kb / 1P
Magnetic Rotary Encoder Family
AS5000-MA8H-1 AMSCO-AS5000-MA8H-1 Datasheet
87Kb / 1P
Magnetic Rotary Encoder Family
logo
TE Connectivity Ltd
KMA36R TEC-KMA36R Datasheet
196Kb / 4P
Digital Magnetic Encoder Sensor
logo
Humirel
KMA36R HUMIREL-KMA36R Datasheet
144Kb / 3P
Digital Magnetic Encoder Sensor
logo
MultiDimension Technolo...
TMR3102 MULTIDIMENSION-TMR3102 Datasheet
1Mb / 14P
TMR Magnetic Rotary Encoder
Version 2.0.1
TMR3105A MULTIDIMENSION-TMR3105A Datasheet
1Mb / 15P
TMR Magnetic Rotary Encoder
Version 2.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com