Electronic Components Datasheet Search
  English  ▼

X  

NP2X Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NP2X
Description  Plugs & Jacks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NP2X Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NP2X Datasheet HTML 7Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 8Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 9Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 10Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 11Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 12Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 13Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 14Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
48
BSP-*
HX-TT-1
HX-R-BNC
HX-R-BNC-PJ
HTXP
HTPXS
BSTT-*
BSTP-*
PCR-*
BPX-*
PXR-*
innovative
solutions
I superior quality
Or dering
Information
Locking
Jacks
Accessories
BSP-*
Colored bushing for NP*C Series
BPX-*
Colored bushing for NP*X Series
BPX-L
Large bushing for NP*X Series up to 8.0 mm cable O.D.
BSTT-*
Colored sleeves for NP3TT Series
BSTP-*
Colored sleeves for NP3TT-P Series
PXR-*
Colored marking rings for NP*X Series
PCR-*
Colored marking rings for NP*C Series
*: Must be ordered in multiples of 100.
Black
Brown
Red
Orange Yellow
Green
Blue
Violet
Grey
White
0
1
2
3
4
5
6
7
8
9
NP3TT-1-B
Nickel + black plastic
Nickel
MIL-P-642/13
4.4 mm (0.173") Bantam plug with solder contacts, black sleeve
NP3TT-1-R
Nickel + red plastic
Nickel
4.4 mm (0.173") Bantam plug with solder contacts, red sleeve
NP3TT-AU-B
Nickel + black plastic
Gold
4.4 mm (0.173") Bantam plug with solder contacts, black sleeve
NP3TT-AU-R
Nickel + red plastic
Gold
4.4 mm (0.173") Bantam plug with solder contacts, red sleeve
NP3TT-P-B
Black plastic
Nickel
4.4 mm (0.173") Bantam plug with solder contacts, black sleeve
NP3TT-P-R
Red plastic
Nickel
4.4 mm (0.173") Bantam plug with solder contacts, red sleeve
NP3TT-P-AU-B
Black plastic
Gold
4.4 mm (0.173") Bantam plug with solder contacts, black sleeve
NP3TT-P-AU-R
Red plastic
Gold
4.4 mm (0.173") Bantam plug with solder contacts, red sleeve
NP3TT-2
Black plastic
Nickel
4.4 mm (0.173") Twin Bantam plug with solder contacts, black sleeve
NTP3RC
Nickel
Nickel
IEC 60603-11
3.5 mm audio plug with chuck and bushing
NTP3RC-B
Black Cr
Gold
IEC 60603-11
3.5 mm audio plug with chuck and bushing
0.173" Bantam T ype Miniatur e Plugs
3.5 mm Right-Angle Ster eo Plug
Part Number
Shell
Contacts
Standards
Remarks
Compatibility
Assembly tool
HX-TT-1
Assembly and crimp tool for NP3TT-1/AU
HX-R-BNC
HEX crimp tool for NP3TT-P*
DIE-R-BNC-PJ
HEX crimp die for NP3TT-P* (5.4 mm)
HTXP
Hand tool to tighten the PX and XX-bushing
HTPXS
Hand tool to hold shell of PX Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com