Electronic Components Datasheet Search
  English  ▼

X  

NP2X Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NP2X
Description  Plugs & Jacks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NP2X Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NP2X Datasheet HTML 5Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 6Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 7Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 8Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 9Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 10Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 11Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 12Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
46
innovative
solutions
I superior quality
T echnical
Data
Or dering
Information
Specifications
1/4" Phone Plugs
MIL / B-Gauge Type
0.173" Bantam Type
3.5 mm Stereo Plugs
SILENT & CRYSTAL
timbrePLUG & jumboPLUG
Electrical
Mechanical
Envir onmental
Materials
Rated current:
depends on mating connector
Contact resistance:
depends on mating connector
Insulation resistance: - initial:
> 2 G
Ω
- after damp heat test:
≥ 1 GΩ
Dielectric strength
1 kV dc
Shell:
Zinc diecast
Brass
Brass (CuZn39Pb3)
Zinc diecast
(ZnAl4Cu1) Ni or
(CuZn39Pb3)
2 µm Ni (Su) plated
(ZnAl4Cu1) Ni or
black Cr plated
black or red coated
PA 6 30 % GR
black Cr plated
Insulation: Polyamide (PA 6.6 30 % GR)
PA 6.6 15% GR
Contacts: Brass (CuZn39Pb3)
(Tip: CuSn6)
2 µm Ni (Su) or Au plated
or Brass
2 µm TRIBOR® (NiP-AuCo)
Chuck:
POM
POM
-
POM
Bushing:
POM + PU
-
-
CuZn39Pb3 + PU
(Ni or black Chrome)
Rubber shell-overlay:
EPDM
-
-
-
Lifetime > 1'000 mating cycles
Wiring:
solder terminals
Wire size
mm2
1
1 (NP3CM: 0.5)
0.25
0.22
AWG
18
18 (NP3CM: 20)
24
24
Cable O.D.:
mm
4 – 7 (
≤10: NP*XL)
4 – 7
4 – 4.8
2 – 4.5
Temperature range: -20 °C to +65 °C
Solderability: Complies with IEC 68-2-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com