Electronic Components Datasheet Search
  English  ▼

X  

NP2X Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NP2X
Description  Plugs & Jacks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NP2X Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NP2X Datasheet HTML 1Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 2Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 3Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 4Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 5Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 6Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 7Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 8Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
41
NP2X-B-CRYSTAL
NP2XL
NP2X-B-CRYSTAL
NP3XL
www.neutrik.com
Plugs
Plugs
Robust metal
housing
Big bushing for
cable up to 10 mm
crystalCON
jumboPLUG
• Mono 1/4" phone plug embellished with CRYSTALLIZEDTM –
Swarovski Elements
• Fancy, noble, valuable, attractive package - an eye-catcher
• 2 or 3 pole 1/4" professional phone plug
• Up to 10 mm cable O.D.
• Robust diecast shell in stylish design
• Proven chuck type strain relief for reliable cable retention
• Ergonomic design for best handling convenience
• Precision machined one piece contacts - avoid hook up of
tip contact
Crystal stones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com