Electronic Components Datasheet Search
  English  ▼

X  

NP2X Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # NP2X
Description  Plugs & Jacks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NP2X Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button NP2X Datasheet HTML 14Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 15Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 16Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 17Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 18Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 19Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 20Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 21Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
55
www.neutrik.com
T echnical
Data
Specifications
Vertical
Locking
M Jack
Slim Jack
Stacking
Jack
Cable & Chassis
Jack
Jack
Contact resistance
- initial
< 10 mΩ
< 6 mΩ
< 15 mΩ
< 10 mΩ
-
- Top row
-
-
-
-
< 15 m
Ω
- Bottom row
-
-
-
-
< 10 m
Ω
Switch contact resistance
- for silver
-
-
< 30 mΩ
< 25 mΩ
-
- for gold
< 15 mΩ
-
-
< 10 mΩ
-
- Top row
-
-
-
-
< 15 mΩ
- Bottom row
-
-
-
-
< 10 mΩ
Insulation resistance
≥ 1GΩ @ 500 V dc
Dielectric strength
1 kV dc
Rated current
3 A
10 A
3 A
3 A
3 A
Rated switch contact current
0.25 A @ 12 V
N/A
0.5 A @ 50 V
0.5 A @ 50 V
0.5 A @ 50 V
Lifetime
> 10`000 cycles
Insertion / withdrawal force
< 10 N / > 8 N
< 20 N / < 20N
< 20 N / > 10 N
< 20 N / > 10 N
< 20 N / > 10 N
Cap opening torque
25 N cm / 9.84 N in
-
-
-
-
Locking force
-
> 80 N
-
-
-
Wire size
-
1 mm2 / 18 AWG
-
-
-
Cable O.D. (FC6 only)
-
3.5 - 8.0 mm
-
-
-
Panel thickness
1.2 - 1.5 mm [0.047 - 0.06"]
-
-
-
-
- Full nose type
-
-
< 3.0 mm
< 3.0 mm
-
- Half nose type
-
-
< 1.0 mm
< 1.0 mm
-
- Chrome nose
-
-
< 4.7 mm
-
-
- NSJ*HL
-
-
-
-
1.0 - 1.6 mm
- NSJ*HC
-
-
-
-
> 1.0 mm
Solderability complies with IEC 68-2-20
Standard Compatibility
EIA RS 453 + IEC 60603-11
NJ*FD
B-GAUGE BPO 316, MIL-J-641/3
NJ*TB
-
-
-
-
Shell / Handle
PA 6.6 30% GR
ZnAI4Cu1
PA 6.6 15% GR
PA 6 15% GR
PA 6 15% GR
Ni or black
- FP6P
-
PA 6.6 30% GR
-
-
-
Insulation
-
PA 6.6 30% GR
-
Contacts
CuSn6
CuBe2/CuZn37 (ground)
Ni-Silver
CuSn6
CuSn6
Contact surface
0.2 µm Au
2 µm Ag
-
gal 2 µm Ag / 0.2 µm Au
gal 2 µm Ag
Cap / Nut / Washer
POM
-
PA 6.6 15% GR
PA 6.6 15% GR
PA 6.6 15% GR
Ring Nut
-
-
-
Brass (Ni plated)
Brass (Ni plated)
Chuck
-
POM
-
-
-
Bushing
-
PA 6.6 15% GR + PUR
-
-
-
Temperature range
-25°C to +70°C
... max. for soldering tag
Electrical
Mechanical
Envir onmental
Material
Circuits:
Mono unswitched
Mono switched
Stereo unswitched
2x switching
3x switching
(normalling) Stereo
(normalling) Stereo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com