Electronic Components Datasheet Search
  English  ▼

X  

DAC8574IPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8574IPWR
Description  QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8574IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8574IPWR Datasheet HTML 7Page - Texas Instruments DAC8574IPWR Datasheet HTML 8Page - Texas Instruments DAC8574IPWR Datasheet HTML 9Page - Texas Instruments DAC8574IPWR Datasheet HTML 10Page - Texas Instruments DAC8574IPWR Datasheet HTML 11Page - Texas Instruments DAC8574IPWR Datasheet HTML 12Page - Texas Instruments DAC8574IPWR Datasheet HTML 13Page - Texas Instruments DAC8574IPWR Datasheet HTML 14Page - Texas Instruments DAC8574IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
www.ti.com
V
DD = V REF
= 5 V
Reference Current Included
1500
1000
500
0
I
DD
µA
- Current Consumption -
V
DD = VREF = 2.7 V
Reference Current Included
1500
1000
500
0
I
DD
µA
- Current Consumption -
- 0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD = VREF = 5 V
Power- Up Code = FFFFH
Time (4
µs/div)
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
VDD = VREF = 5 V
Code 7FFFH to 8000H to 7FFFH
(Glitch Occurs Every N
• 4096
Code Boundary)
Time (1
µs/div)
4.54
4.56
4.58
4.60
4.62
4.64
4.66
4.68
4.70
4.72
VDD = VREF = 5 V
Code EFFFH to F000H to EFFFH
(Glitch Occurs Every N
• 4096
Code Boundary)
Time (1
µs/div)
Digital Input Code
0
2
4
6
8
10
12
14
16
18
20
0000H 2000H 4000H 6000H 8000H A000H C000H E000H FFFFH
VDD = VREF = 5 V
TA = 25°C
Channel D Output
Channel B Output
Channel C Output
Channel A Output
DAC8574
SLAS377B – JANUARY 2003 – REVISED DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
HISTOGRAM OF CURRENT CONSUMPTION
HISTOGRAM OF CURRENT CONSUMPTION
Figure 29.
Figure 30.
EXITING POWER-DOWN MODE
OUTPUT GLITCH (Mid-Scale)
Figure 31.
Figure 32.
OUTPUT GLITCH (Worst Case)
ABSOLUTE ERROR
Figure 33.
Figure 34.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com