Electronic Components Datasheet Search
  English  ▼

X  

DAC8574IPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8574IPWR
Description  QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8574IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8574IPWR Datasheet HTML 8Page - Texas Instruments DAC8574IPWR Datasheet HTML 9Page - Texas Instruments DAC8574IPWR Datasheet HTML 10Page - Texas Instruments DAC8574IPWR Datasheet HTML 11Page - Texas Instruments DAC8574IPWR Datasheet HTML 12Page - Texas Instruments DAC8574IPWR Datasheet HTML 13Page - Texas Instruments DAC8574IPWR Datasheet HTML 14Page - Texas Instruments DAC8574IPWR Datasheet HTML 15Page - Texas Instruments DAC8574IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
www.ti.com
0
1
2
3
4
5
6
VDD = VREF = 5.5 V
Output Loaded with
2 k
Ω and 200 pF
to GND
Time (12
µs/div)
Digital Input Code
- 10
- 8
- 6
- 4
- 2
0
2
4
6
8
10
0000H 2000H 4000H 6000H 8000H A000H C000H E000H FFFFH
Channel B Output
Channel D Output
Channel A Output
Channel C Output
VDD = VREF = 2.7 V
TA = 25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDD = VREF = 5 V
Output Loaded with
2 k
Ω and 200 pF
to GND
Time (12
µs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDD = VREF = 2.7 V
Output Loaded with
2 k
Ω and 200 pF
to GND
Time (12
µs/div)
0.00
0.50
1.00
1.50
VDD = VREF = 2.7 V
Output Loaded with
2 k
Ω and 200 pF to
GND
Time (12
µs/div)
V
DD = 5 V
V
DD = 2.7 V
V
DD = VREF
1 dB FSR Digital Input, F
-
S = 52 ksps
Measurement Bandwidth = 20 kHz
98
96
94
92
90
88
86
84
0
500
1k
1.5k
2k
2.5k
3k
3.5k
4k
4.5k
f - Output Frequency - Hz
DAC8574
SLAS377B – JANUARY 2003 – REVISED DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
FULL-SCALE SETTLING TIME
ABSOLUTE ERROR
(Large Signal)
Figure 35.
Figure 36.
HALF-SCALE SETTLING TIME
FULL-SCALE SETTLING TIME
(Large Signal)
(Large Signal)
Figure 37.
Figure 38.
SIGNAL-TO-NOISE RATIO
vs
HALF-SCALE SETTLING TIME
OUTPUT FREQUENCY
Figure 39.
Figure 40.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com