| Electronic Components Datasheet Search |
|
DAC8574IPWR Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC8574IPWR Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 45 page ![]() www.ti.com Master Transmitter Writing to a Slave Receiver (DAC8574) in Standard/Fast Modes DAC8574 SLAS377B – JANUARY 2003 – REVISED DECEMBER 2004 All write access sequences begin with the device address (with R/W = 0) followed by the control byte. This control byte specifies the operation mode of DAC8574 and determines which channel of DAC8574 is being accessed in the subsequent read/write operation. The LSB of the control byte (PD0-Bit) determines if the following data is power-down data or regular data. With (PD0-Bit = 0) the DAC8574 expects to receive data in the following sequence HIGH-BYTE –LOW-BYTE – HIGH-BYTE – LOW-BYTE..., until a STOP Condition or REPEATED START Condition on the I 2C-Bus is recognized (refer to the DATA INPUT MODE section of Table 4). With (PD0-Bit = 1) the DAC8574 expects to receive 2 Bytes of power-down data (refer to the POWER DOWN MODE section of Table 4). Table 4. Write Sequence in F/S Mode DATA INPUT MODE Transmitter MSB 6 5 4 3 2 1 LSB Comment Master Start Begin sequence Master 1 0 0 1 1 A1 A0 R/W Write addressing (R/W=0) DAC8574 DAC8574 Acknowledges Master A3 A2 Load 1 Load 0 x Buff Sel 1 Buff Sel 0 PD0 Control byte (PD0=0) DAC8574 DAC8574 Acknowledges Master D15 D14 D13 D12 D11 D10 D9 D8 Writing data word, high byte DAC8574 DAC8574 Acknowledges Master D7 D6 D5 D4 D3 D2 D1 D0 Writing data word, low byte DAC8574 DAC8574 Acknowledges Master Data or Stop or Repeated Start(1) Data or done(2) POWER DOWN MODE Transmitter MSB 6 5 4 3 2 1 LSB Comment Master Start Begin sequence Master 1 0 0 1 1 A1 A0 R/W Write addressing (R/W=0) DAC8574 DAC8574 Acknowledges Master A3 A2 Load 1 Load 0 x Buff Sel 1 Buff Sel 0 PD0 Control byte (PD0 = 1) DAC8574 DAC8574 Acknowledges Master PD1 PD2 0 0 0 0 0 0 Writing data word, high byte DAC8574 DAC8574 Acknowledges Master 0 0 0 0 0 0 0 0 Writing data word, low byte DAC8574 DAC8574 Acknowledges Master Stop or Repeated Start(1) Done (1) Use repeated START to secure bus operation and loop back to the stage of write addressing for next Write. (2) Once DAC8574 is properly addressed and control byte is sent, HIGH–BYTE–LOW–BYTE sequences can repeat until a STOP condition or repeated START condition is received. 22 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |