Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 5 Page - Texas Instruments

  OPA445 Datasheet HTML 1Page - Texas Instruments OPA445 Datasheet HTML 2Page - Texas Instruments OPA445 Datasheet HTML 3Page - Texas Instruments OPA445 Datasheet HTML 4Page - Texas Instruments OPA445 Datasheet HTML 5Page - Texas Instruments OPA445 Datasheet HTML 6Page - Texas Instruments OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
www.ti.com
5
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VS = ±40V, unless otherwise noted.
10
100
1k
10k
1M
10M
100M
Frequency (Hz)
0
POWER SUPPLY REJECTION
vs FREQUENCY
100k
120
100
80
60
40
20
−PSRR
+PSRR
10
100
1k
10k
1M
10M
Frequency (Hz)
COMMON−MODE REJECTION
vs FREQUENCY
100k
100
90
80
70
60
50
40
−75
0
−50
−25
25
75
100
125
Ambient Temperature (
_C)
90
120
110
100
OPEN−LOOP GAIN
vs TEMPERATURE
50
−75
0
−50
−25
25
75
100
125
Ambient Temperature (
_C)
130
120
110
100
90
80
70
POWER SUPPLY REJECTION AND
COMMON−MODE REJECTION vs TEMPERATURE
50
PSRR
CMRR
10
100
1k
100k
Frequency (Hz)
1
100
10
10k
INPUT VOLTAGE
NOISE SPECTRAL DENSITY
20
100
1k
20k
Frequency (Hz)
0.1
0.01
0.001
0.0001
0.00001
10k
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
V
O =3.5Vrms
V
O = 10Vrms
V
O =3.5Vr ms
V
O = 10Vrms
G= 10
G= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com