Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 3Page - Texas Instruments OPA445 Datasheet HTML 4Page - Texas Instruments OPA445 Datasheet HTML 5Page - Texas Instruments OPA445 Datasheet HTML 6Page - Texas Instruments OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments OPA445 Datasheet HTML 10Page - Texas Instruments OPA445 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VS = ±40V, unless otherwise noted.
−50
−25
0
25
75
100
125
Temperature (
_C)
0
MAXIMUM POWER DISSIPATION
vs TEMPERATURE
50
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Plastic DIP
No Heat Sink
T
J (max)
TO−99: 150
_C
DIP, SO: 125
_C
TO−99
SO−8
Surface−Mount
(non PowerPAD)
−50
−25
0
25
75
100
125
Temperature (
_C)
MAXIMUM POWER DISSIPATION
vs TEMPERATURE
50
2.0
1.5
1.0
0.5
0
T
J (12 5_ Cma x) = TA +[(|V S | − |V O |) IO ×θ JA ]
θ
JA =52_ C/ W, SO −8 Pow er PAD
(1in
× 0.5in heat−spreader, 1oz Copper)
T
J =2 5_ C + ( 1.93W × 52_ C/W ) = +1 25_ C
SO−8 PowerPAD:
T
J(max) = +125_ C
MAXIMUM OUTPUT VOLTAGE SWING
vs FREQUENCY
100k
Frequency (Hz)
1k
10k
1M
90
80
70
60
50
40
30
20
10
0
Maximum output
without slew−rate
induced distortion.
10pF
100pF
1nF
10nF
Load Capacitance
SMALL−SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
60
50
40
30
20
10
0
G=
−1
G= +1
G=
−2
G= 10
SMALL−SIGNAL STEP RESPONSE
G= 1, C
L = 100pF
500ns/div
LARGE−SIGNAL STEP RESPONSE
G= 1, C
L = 100pF
2.5
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com