Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 1 Page - Texas Instruments

  OPA445 Datasheet HTML 1Page - Texas Instruments OPA445 Datasheet HTML 2Page - Texas Instruments OPA445 Datasheet HTML 3Page - Texas Instruments OPA445 Datasheet HTML 4Page - Texas Instruments OPA445 Datasheet HTML 5Page - Texas Instruments OPA445 Datasheet HTML 6Page - Texas Instruments OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
FEATURES
D WIDE-POWER SUPPLY RANGE:
±10V to ±45V
D HIGH SLEW RATE: 15V/µs
D LOW INPUT BIAS CURRENT: 10pA
D STANDARD-PINOUT TO-99, DIP, SO-8
PowerPAD
, AND SO-8 SURFACE-MOUNT
PACKAGES
APPLICATIONS
D TEST EQUIPMENT
D HIGH-VOLTAGE REGULATORS
D POWER AMPLIFIERS
D DATA ACQUISITION
D SIGNAL CONDITIONING
D AUDIO
D PIEZO DRIVERS
DESCRIPTION
The OPA445 is a monolithic operational amplifier capable
of operation from power supplies up to
±45V and output
currents of 15mA. It is useful in a wide variety of
applications requiring high output voltage or large
common-mode voltage swings.
The OPA445’s high slew rate provides wide power-
bandwidth
response,
which
is
often
required
for
high-voltage applications. FET input circuitry allows the
use of high-impedance feedback networks, thus minimiz-
ing their output loading effects. Laser trimming of the input
circuitry yields low input offset voltage and drift.
The OPA445 is available in standard pinout TO-99, DIP-8,
and SO-8 surface-mount packages as well as an SO-8
PowerPAD package for reducing junction temperature. It
is fully specified from −25
°C to +85°C and operates from
−55
°C to +125°C. A SPICE macromodel is available for
design analysis (from www.ti.com).
8
1
2
7
6
5
3
4
Offset
Trim
Offset
Trim
Output
V+
NC
−In
+In
V
−
Case is connected to V
−
TO−99
OPA445
1
2
3
45
6
7
8
Offset Trim
V+
−In
+In
V
−
Output
Offset Trim
NC
DIP−8, SO−8, SO−8 PowerPAD
OPA445
NC = No internal connection;
leave NC floating or connect to GND, V+, or V−.
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
High Voltage FET-Input
OPERATIONAL AMPLIFIER
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 1987−2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments, Inc. All other trademarks are the property of their respective owners.


Similar Part No. - OPA445

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA445 TI-OPA445 Datasheet
1Mb / 36P
High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA445 TI-OPA445 Datasheet
885Kb / 25P
SBOS156B High Voltage FET-Input
OPA445 TI1-OPA445 Datasheet
905Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445ADDA TI-OPA445ADDA Datasheet
885Kb / 25P
SBOS156B High Voltage FET-Input
More results

Similar Description - OPA445

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4601 TI-THS4601 Datasheet
381Kb / 27P
WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
NE536 ETC-NE536 Datasheet
262Kb / 5P
FET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI-THS4631 Datasheet
1Mb / 27P
HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH740A NSC-LH740A Datasheet
111Kb / 2P
FET Input Operational Amplifier
logo
Cirrus Logic
PA07 CIRRUS-PA07 Datasheet
208Kb / 5P
FET Input Power Operational Amplifier
logo
Texas Instruments
OPA445BM TI-OPA445BM Datasheet
897Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI1-THS4631_14 Datasheet
1Mb / 35P
HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
OPA445 TI1-OPA445_16 Datasheet
905Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com