Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 6Page - Texas Instruments OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments OPA445 Datasheet HTML 10Page - Texas Instruments OPA445 Datasheet HTML 11Page - Texas Instruments OPA445 Datasheet HTML 12Page - Texas Instruments OPA445 Datasheet HTML 13Page - Texas Instruments OPA445 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
www.ti.com
10
SAFE OPERATING AREA
Stress on the output transistors is determined both by the
output current and by the output voltage across the
conducting output transistors, VS − VO. The power
dissipated by the output transistor is equal to the product
of the output current and the voltage across the conducting
transistor, VS − VO. The Safe Operating Area (SOA curve,
Figure 6 through Figure 10) illustrates the permissible
range of voltage and current. The curves shown represent
devices soldered to a printed circuit board (PCB) with no
heat sink. Increasing printed circuit trace area or the use
of a heat sink (TO-99 package) can significantly reduce
thermal resistance (
q ), resulting in increased output
current for a given output voltage (see Figure 11,
Figure 12, and the Heat Sink section).
The safe output current decreases as VS − VO increases.
Output short-circuits are a very demanding case for SOA.
A short-circuit to ground forces the full power supply
voltage (V+ or V−) across the conducting transistor and
produces a typical output current of 25mA. With
±40V
power supplies, this creates an internal dissipation of 1W.
This
exceeds
the
maximum
rating
and
is
not
recommended. If operation in this region is unavoidable,
a heat sink is required. For further insight on SOA, consult
Application Bulletin SBOA022 (available for download at
www.ti.com).
12
5
10
|V
S| − |VO|(V)
20
50
100
T
A =25_ C
T
A = 120_ C
T
A =85_ C
T
A +[(|VS| − |VO|) IO ×θJA] ≤ TJ (max)
θ
JA = 100_ C/W
T
J (max) = 125_ C
100
10
1
0.1
Figure 6. DIP-8 Safe Operating Area
12
5
10
|V
S| − |VO|(V)
20
50
100
100
10
1
0.1
T
A =25_ C
T
A =85_ C
T
A = 125_ C
T
A +[(|VS| − |VO|) IO ×θJA] ≤ TJ (max)
θ
JA = 200_ C/W (No Heat−Sink)
T
J (max) = 150_ C
NOTE: Simple clip−on heat−sinks can
reduce
θ by as much as 50_C/W.
Figure 7. TO-99 Safe Operating Area
12
5
10
|V
S| − |VO|(V)
20
50
100
100
10
1
0.1
T
A =85_ C
T
A = 120_ C
T
A +[(|VS| − |VO|) IO ×θJA] ≤
T
J (max)
θ
JA = 150_ C/W
T
J (max) = 125_ C
T
A =25_ C
Figure 8. SO-8 (non PowerPAD) Safe Operating
Area
110
|V
S| − |VO|(V)
100
100
10
1
0.1
T
A =25_ C
T
A =85_ C
T
A =120_ C
T
A +[(|VS| − |VO|) IO ×θJA] ≤ TJ (max)
θ
JA =96_ C/W
T
J (max) = 125_ C
Figure 9. SO-8 PowerPAD Safe Operating Area
(no heat-spreader, no airflow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com