Electronic Components Datasheet Search
  English  ▼

X  

LM3263 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 16Page - Texas Instruments LM3263 Datasheet HTML 17Page - Texas Instruments LM3263 Datasheet HTML 18Page - Texas Instruments LM3263 Datasheet HTML 19Page - Texas Instruments LM3263 Datasheet HTML 20Page - Texas Instruments LM3263 Datasheet HTML 21Page - Texas Instruments LM3263 Datasheet HTML 22Page - Texas Instruments LM3263 Datasheet HTML 23Page - Texas Instruments LM3263 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
LM3263
SNVS837A – JUNE 2013 – REVISED AUGUST 2013
www.ti.com
Symbol
Parameter
Min
Typ
Max
Units
TCLK
Clock Time Period
38.5
TSCLKOH
Clock High Time
11.25
TSCLKOL
Clock Low Time
11.25
TS
Data Setup Time
1
ns
TH
Data Hold Time
5
TD-Forward
Time for Data Output Valid from SCLK rising edge
10.25
TD-Reverse
Time for Data Output Valid from SCLK rising edge
22
TSDATAOTR
SDATA Output Transition (Rise/Fall) Time
2.1
6.5
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com