Electronic Components Datasheet Search
  English  ▼

X  

LM3263 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 18Page - Texas Instruments LM3263 Datasheet HTML 19Page - Texas Instruments LM3263 Datasheet HTML 20Page - Texas Instruments LM3263 Datasheet HTML 21Page - Texas Instruments LM3263 Datasheet HTML 22Page - Texas Instruments LM3263 Datasheet HTML 23Page - Texas Instruments LM3263 Datasheet HTML 24Page - Texas Instruments LM3263 Datasheet HTML 25Page - Texas Instruments LM3263 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LM3263
SNVS837A – JUNE 2013 – REVISED AUGUST 2013
www.ti.com
Addr
Register Contents
3
Write data frame parity error. Cleared on read. Write
DATA_FRAME_PERR
0
No
will have no effect on this bit.
2
Read command to an invalid register. Cleared on read.
RD_UNUSED_REG
0
No
Write will have no effect on this bit.
1
Write command to an invalid register. Cleared on read.
WR_UNUSED_REG
0
No
Write will have no effect on this bit.
0
Read command with a broadcast ID or Group ID.
BID_GID_ERR
0
No
Cleared on read. Write will have no effect on this bit.
1Bh
GROUP_ID
Bits
Function
Default
Trigger*
R/W
Description
7:4
RSVD
0h
N/A
N/A
Reserved
3:0
GSID
0h
No
Group Slave ID.
1Ch
PM_TRIG
Bits
Function
Default
Trigger*
R/W
Description
Power Mode Bits.
00b = Active Mode
7:6
PWR_MODE
10b
No
R/W
01b = Restore default settings
10b = Low-Power Mode
11b = Reserved
Mask bit for Trigger 2. Broadcast write to this bit is
5
TRIG_MSK_2
0
No
ignored.
Mask bit for Trigger 1. Broadcast write to this bit is
4
TRIG_MSK_1
0
No
ignored.
Mask bit for Trigger 0. Broadcast write to this bit is
3
TRIG_MSK_0
0
No
ignored.
Write to a '1' loads trigger registers with last written
2
TRIG_2
0
No
value TRIG_MSK_2 is cleared. Write to '0' has no
affect.
Write to a '1' loads trigger registers with last written
1
TRIG_1
0
No
value TRIG_MSK_1 is cleared. Write to '0' has no
effect.
Write to a '1' loads trigger registers with last written
0
TRIG_0
0
No
value TRIG_MSK_0 is cleared. Write to '0' has no
effect.
1Dh
PRODUCT ID
Bits
Function
Default
Trigger*
R/W
Description
Product Identification Bits. Product ID default value
7:0
PRODUCT_ID
82h
No
R
cannot be overwritten.
1Eh
MANUFACTURER ID, LSB
Bits
Function
Default
Trigger*
R/W
Description
Manufacturer Identification, bits 7:0. Manufacturer ID
7:0
MANID[7:0]
02h
No
R
default value cannot be overwritten.
1Fh
MANUFACTURER ID, MSB
Bits
Function
Default
Trigger*
R/W
Description
7:6
RSVD
00b
N/A
N/A
Reserved
Manufacturer Identification, bits 5:4. Manufacturer ID
5:4
MANID[5:4]
01b
No
R
default value cannot be overwritten.
Unique Slave Identifier. Bit 0 (x) of USID is tied to the
state of the GPO1 pin.
3:0
USID
010xb
No
0100b: GPO1= Low state or floating
0101b: GPO1= High state
* Trigger=Yes: When all PM_TRIG.TRIG_MSK_* bits are set '1', REGISTER_0 will be written immediately during
a write operation. If any PM_TRIG.TRIG_MSK_* bits are cleared ('0'), REGISTER_0 will not be updated to the
new value after a write operation only after an unmasked PM_TRIG.TRIG_* bit is subsequently written to a '1'.
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com