Electronic Components Datasheet Search
  English  ▼

X  

LM3263 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 4Page - Texas Instruments LM3263 Datasheet HTML 5Page - Texas Instruments LM3263 Datasheet HTML 6Page - Texas Instruments LM3263 Datasheet HTML 7Page - Texas Instruments LM3263 Datasheet HTML 8Page - Texas Instruments LM3263 Datasheet HTML 9Page - Texas Instruments LM3263 Datasheet HTML 10Page - Texas Instruments LM3263 Datasheet HTML 11Page - Texas Instruments LM3263 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Shutdown
Low Power
Active
Forced PWM mode
Auto-PFM mode
Forced Bypass mode
VIO = High
PM_T= 80h or 40h
or
VC= 00h or 01h
VIO = Low
SMPS_CFG[5]= 0b
and
VC= 1Bh to F0h
SMPS_CFG[5]= 1b
and
VC= 1Bh to F0h
Note 1 : Specified Output Voltage range is 0.4V to 3.6V
Note 2: Writing to and reading back from REGISTER_0 and VSET_CTRL access the same internal VSET register.
Writing to VSET_CTRL programs the full 8 bits VSET value. Writing to REGISTER_0 will program 7 MSB of VSET
with LSB set to zero. When REGISTER_0 is written, the internal VSET register LSB bit[0] will always take a value
of 0 and subsequent read of VSET_CTRL bit[0] will be read back as 0.
VIO = Low
PM_T= 38h
and
VC { 06h
PM_T = PM_TRIG [7:0]
VC = VSET_CTRL [7:0]
Standby
PM_T= 40h
SMPS_CFG[4]= 1b
or
VC= FEh or FFh
PM_T= 38h
and
VC= 04h or 05h
PM_T= 80h or 40h
or
VC= 00h or 01h
VC{ 06h
VC= 04h or 05h
VIO = Low
LM3263
SNVS837A – JUNE 2013 – REVISED AUGUST 2013
www.ti.com
LM3263 USER STATE DIAGRAM
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com