Electronic Components Datasheet Search
  English  ▼

X  

LM3263 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 20Page - Texas Instruments LM3263 Datasheet HTML 21Page - Texas Instruments LM3263 Datasheet HTML 22Page - Texas Instruments LM3263 Datasheet HTML 23Page - Texas Instruments LM3263 Datasheet HTML 24Page - Texas Instruments LM3263 Datasheet HTML 25Page - Texas Instruments LM3263 Datasheet HTML 26Page - Texas Instruments LM3263 Datasheet HTML 27Page - Texas Instruments LM3263 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
LM3263
SNVS837A – JUNE 2013 – REVISED AUGUST 2013
www.ti.com
Table 3. Suggested Capacitors and Their Suppliers
Capacitance
Model
Size (WxL) (mm)
Vendor
10 µF
GRM185R60J106M
1.6 x 0.8
Murata
10 µF
CL05A106MP5NUN
1.0 x 0.5
Samsung
4.7 µF
CL05A475MP5NRN
1.0 x 0.5
Samsung
1.0 µF
CL03A105MP3CSN
0.6 x 0.3
Samsung
1.0 µF
C0603X5R0J105M
0.6 x 0.3
TDK
3300 pF
GRM022R60J332K
0.4 x 0.2
Murata
DSBGA Package Assembly And Use
Use of the DSBGA package requires specialized board layout, precision mounting, and careful re-flow
techniques, as detailed in Texas Instruments Application Note 1112 (SNVA009). Refer to the section Surface
Mount Technology (SMD) Assembly Considerations. For best results in assembly, alignment ordinals on the PC
board should be used to facilitate placement of the device. The pad style used with DSBGA package must be the
NSMD (non-solder mask defined) type. This means that the solder-mask opening is larger than the pad size.
This prevents a lip that otherwise forms if the solder-mask and pad overlap from holding the device off the
surface of the board and interfering with mounting. See Application Note 1112 for specific instructions how to do
this.
The 16-bump package used for the LM3263 has 265 micron (nominal) solder balls and requires 0.225 mm pads
for mounting the circuit board. The trace to each pad should enter the pad with a 90º entry angle to prevent
debris from being caught in deep corners. Initially, the trace to each pad should be about 0.142 mm wide, for a
section approximately 0.127 mm long, as a thermal relief. Then each trace should neck up or down to its optimal
width.
An important criterion is symmetry to insure the solder bumps on the LM3263 re-flow evenly and that the device
solders level to the board. In particular, special attention must be paid to the pads for bumps A1, A3, B1, and B3
since PGND, PVIN and BGND are typically connected to large copper planes; inadequate thermal relief can
result in inadequate re-flow of these bumps.
The DSBGA package is optimized for the smallest possible size in applications with red-opaque or infrared-
opaque cases. Because the DSBGA package lacks the plastic encapsulation characteristic of larger devices, it is
vulnerable to light. Backside metallization and/or epoxy coating, along with front-side shading by the printed
circuit board, reduce this sensitivity. However, the package has exposed die edges that are sensitive to light in
the red and infrared range shining on the package’s exposed die edges.
24
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com