Electronic Components Datasheet Search
  English  ▼

X  

PM070WM2 Datasheet(PDF) 4 Page - AZ Displays

Part # PM070WM2
Description  color TFT LCD module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM070WM2 Datasheet(HTML) 4 Page - AZ Displays

  PM070WM2 Datasheet HTML 1Page - AZ Displays PM070WM2 Datasheet HTML 2Page - AZ Displays PM070WM2 Datasheet HTML 3Page - AZ Displays PM070WM2 Datasheet HTML 4Page - AZ Displays PM070WM2 Datasheet HTML 5Page - AZ Displays PM070WM2 Datasheet HTML 6Page - AZ Displays PM070WM2 Datasheet HTML 7Page - AZ Displays PM070WM2 Datasheet HTML 8Page - AZ Displays PM070WM2 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
PM070WM2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:4
1. Application
This data sheet applies to a color TFT LCD module, PM070WM2. The applications of panel are
OA product, which requires high quality flat panel display.
Prime View assumes no responsibility for any damage resulting from the use of the device
which does not complies with the instructions and the precautions in these specification sheets.
2. Features
. Wide VGA (800*480 pixels) resolution
. Amorphous silicon TFT LCD panel with LED back-light unit
. Pixel in stripe configuration
. Thin and light weight
. Display Colors:262,144 colors
. +3.3V LVDS interface standard: THC63LVDF64A as receiver
. +3.3V DC supply voltage for TFT LCD panel driving
. Wide viewing angle
. LVDS transmission interface
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
7.0(diagonal)
inch
Display Format
800×(R, G, B)×480
dot
Display Colors
262,144
Active Area
152.4(H)×91.44(V)
mm
Pixel Pitch
0.1905(H)×0.1905(V)
mm
Pixel Configuration
Stripe
Outline Dimension
166.3(W)×105.5 (H)×10.0(D) (typ.)
mm
Weight
244+15
g
Back-light
33-LED
Surface treatment
Anti-glare and EWV Film
Display mode
Normally white
Gray scale inversion direction
6 o’clock
Note 13-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com