Electronic Components Datasheet Search
  English  ▼

X  

PM070WM2 Datasheet(PDF) 9 Page - AZ Displays

Part # PM070WM2
Description  color TFT LCD module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM070WM2 Datasheet(HTML) 9 Page - AZ Displays

Back Button PM070WM2 Datasheet HTML 5Page - AZ Displays PM070WM2 Datasheet HTML 6Page - AZ Displays PM070WM2 Datasheet HTML 7Page - AZ Displays PM070WM2 Datasheet HTML 8Page - AZ Displays PM070WM2 Datasheet HTML 9Page - AZ Displays PM070WM2 Datasheet HTML 10Page - AZ Displays PM070WM2 Datasheet HTML 11Page - AZ Displays PM070WM2 Datasheet HTML 12Page - AZ Displays PM070WM2 Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PM070WM2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:9
6. Absolute Maximum Ratings:
GND=0V, Ta=25
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Supply Voltage
VCC
-0.3
+4.0
V
Input Signals Voltage
VIN
-0.3
VCC +0.3
V
Note6-1
Storage Temperature
Tst
-40
+85
℃
Operation Temperature
Top
-30
+80
℃
Note 6-1: LVDS signal.
7. Electrical Characteristics
7-1) Recommended Operating Conditions:
GND = 0V,Ta = 25
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply Voltage
VCC
3.0
3.3
3.6
V
Current Dissipation
ICC
-
130
195
mA
Note7-1
Total power consumption
Pcc
429
643.5
mW Vcc= 3.3 V
LVDS Differential input high threshold
VTH
-
-
100
mV
LVDS Differential input low threshold
VTL
-100
-
-
Note7-2
Note 7-1: To test the current dissipation of VCC, using the “color bars” testing pattern shown as below
1
2345678
1.
White
2.
Yellow
3.
Cyan
4.
Green
5.
Magenta
6.
Red
7.
Blue
8.
Black
ICC current dissipation testing pattern
Note7-2: Please refer to THC63LVDF64A specification by THINE Corporation. This LCD module
conforms to LVDS standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com