Electronic Components Datasheet Search
  English  ▼

X  

PM070WM2 Datasheet(PDF) 16 Page - AZ Displays

Part # PM070WM2
Description  color TFT LCD module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM070WM2 Datasheet(HTML) 16 Page - AZ Displays

Back Button PM070WM2 Datasheet HTML 12Page - AZ Displays PM070WM2 Datasheet HTML 13Page - AZ Displays PM070WM2 Datasheet HTML 14Page - AZ Displays PM070WM2 Datasheet HTML 15Page - AZ Displays PM070WM2 Datasheet HTML 16Page - AZ Displays PM070WM2 Datasheet HTML 17Page - AZ Displays PM070WM2 Datasheet HTML 18Page - AZ Displays PM070WM2 Datasheet HTML 19Page - AZ Displays PM070WM2 Datasheet HTML 20Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
PM070WM2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:16
12. Power on Sequence
Backlight
ON
>10ms
>10ms
OFF
OFF
Vcc
Logic Signal
1. 0<t120ms
2. 0<t250ms
3. 0<t31s
13. Optical Characteristics
13-1) Specification:
Ta=25
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Remarks
Horizontal
θ22.21
±75
±80
-
deg
θ12
55
60
-
deg
Viewing
Angle
Vertical
θ11
CR10
65
70
-
deg
Note 13-1
Contrast Ratio
CR
θ=0°
600
800
-
-
Note 13-2
Rise
Tr
-
5
10
ms
Response time
Fall
Tf
θ=0°
-
15
20
ms
Note 13-3
Brightness
L
θ=0
°/φ=0
350
400
-
cd/㎡
LED Life Time
+25℃
20000 30000
-
hrs
Note 13-4
Luminance Uniformity
U
-
70
75
-
%
Note 13-5
x
-
0.27
0.31
0.35
-
White Chromaticity
y
-
0.30
0.34
0.38
-
Cross Talk
CTK
θ=0°
-
-
3.5
%
Note 13-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com