Electronic Components Datasheet Search
  English  ▼

X  

PM070WM2 Datasheet(PDF) 10 Page - AZ Displays

Part # PM070WM2
Description  color TFT LCD module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM070WM2 Datasheet(HTML) 10 Page - AZ Displays

Back Button PM070WM2 Datasheet HTML 6Page - AZ Displays PM070WM2 Datasheet HTML 7Page - AZ Displays PM070WM2 Datasheet HTML 8Page - AZ Displays PM070WM2 Datasheet HTML 9Page - AZ Displays PM070WM2 Datasheet HTML 10Page - AZ Displays PM070WM2 Datasheet HTML 11Page - AZ Displays PM070WM2 Datasheet HTML 12Page - AZ Displays PM070WM2 Datasheet HTML 13Page - AZ Displays PM070WM2 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PM070WM2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:10
7-2) Recommended Driving Condition for Back Light
Ta = 25
Parameter
Symbol
Min
TYP
MAX
Unit
Remark
Supply voltage of LED backlight
VLED1~11
-
-
(11)
V
Note 7-3
Supply current of LED backlight
ILED1~11
-
16
-
mA
Note 7 - 4
Backlight Power Consumption
PLED
-
-
1.94
W
Note 7-3 /Note 7-5
Note 7-3: ILED= 16mA, constant current
Note 7-4: The LED driving condition is defined for each LED module. (3 LED Serial)
Input current = 16mA * 11 = 176mA
Note 7-5: PLED = VLED1 * ILED1 + VLED2 * ILED2…. + VLED10 * ILED10+VLED11 * ILED11
7-3) Backlight driving
Connector type: JST BHSR-02VS-1N, PIN No 2 pin
Pin No
Symbol
Description
Remark
1
+
Input terminal (Anode)
Wire color : Red
2
-
Input terminal (Cathode)
Wire Color : Black
8. Pixel Arrangement
R G B R G B R G B
R G B
R G B R G B
R G B
R G B R G B R G B
R G B
R G B R G B
R G B
3 rd Line
2 nd Line
1 st Line
480 th Line
479 th Line
478 th Line
R G B
R G B
R G B
R G B
1 st Pixel
800 th Pixel
1 Pixel =
R G B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com