Electronic Components Datasheet Search
  English  ▼

X  

LD1071 Datasheet(PDF) 3 Page - LDT Co., Ltd

Part # LD1071
Description  16 Channel Output LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1071 Datasheet(HTML) 3 Page - LDT Co., Ltd

  LD1071 Datasheet HTML 1Page - LDT Co., Ltd LD1071 Datasheet HTML 2Page - LDT Co., Ltd LD1071 Datasheet HTML 3Page - LDT Co., Ltd LD1071 Datasheet HTML 4Page - LDT Co., Ltd LD1071 Datasheet HTML 5Page - LDT Co., Ltd LD1071 Datasheet HTML 6Page - LDT Co., Ltd LD1071 Datasheet HTML 7Page - LDT Co., Ltd LD1071 Datasheet HTML 8Page - LDT Co., Ltd LD1071 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Ver1.0
3
LD1071
16 Channel Output LED Driver with 14 bit PWM Controller
The LD1071 is specifically designed for LED and LED display applications using PWM(Pulse Width
Modulation) control with 14 bit color depth. The LD1071 provides a constant output current for driving the
LEDs against for the variation of LED forward voltage( Vf ). The constant output current can be preset
through an external resistor. Moreover, the preset output current with external resistor can be
programmed up to 256 levels for LED global brightness adjustment. The LD1071 consists of 16 bit shift
registers, latches, and-gates, constant current driver and 14 bit PWM controller.
FEATURES
• Output current : set-up at 5mA to 45mA with an external
resistor
( when VDD=3.3V, Iout : 5mA ~ 30mA )
• Include error detection circuit
• 16 constant current output channels
• 14 bit gray scale PWM control
• 8 bit programmable output current control
• Constant current accuracy
- Pin to pin deviation : < ±3% (Max)
- Chip to chip deviation : < ±6% ( Max)
• 3.3V / 5V CMOS compatible input
• Package : LD1071-SP (SOP-24), LD1071-SS (SSOP-24)
• Maximum CLOCK input frequency : 25MHz
• Maximum PWMCK input frequency : 25MHz
DESCRIPTION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground signal
2
DIN
Serial input data
3
CLOCK
Shift input clock for serial input data DIN( Rising Edge Clocking)
4
STROBE
Data strobe signal. This pin is a pull-down type.
24
VDD
Power supply signal (3.3V/5V)
21
PWMCK
PWM gray scale clock signal. This pin is a pull-up type.
22
DOUT
Serial data output
23
REXT
Connect the resistor between this pin and GND to set up the constant
output current for all the OUTn.
5~12
13~20
OUTn
Constant current outputs, n = 0 ~ 15
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
DIN
CLOCK
STROBE
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
VDD
REXT
DOUT
PWMCK
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com