Electronic Components Datasheet Search
  English  ▼

X  

LD1071 Datasheet(PDF) 6 Page - LDT Co., Ltd

Part # LD1071
Description  16 Channel Output LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1071 Datasheet(HTML) 6 Page - LDT Co., Ltd

Back Button LD1071 Datasheet HTML 2Page - LDT Co., Ltd LD1071 Datasheet HTML 3Page - LDT Co., Ltd LD1071 Datasheet HTML 4Page - LDT Co., Ltd LD1071 Datasheet HTML 5Page - LDT Co., Ltd LD1071 Datasheet HTML 6Page - LDT Co., Ltd LD1071 Datasheet HTML 7Page - LDT Co., Ltd LD1071 Datasheet HTML 8Page - LDT Co., Ltd LD1071 Datasheet HTML 9Page - LDT Co., Ltd LD1071 Datasheet HTML 10Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Ver1.0
6
LD1071
16 Channel Output LED Driver with 14 bit PWM Controller
DC CHARACTERISTICS
SYMBOL
UNIT
Input
Voltage
VIH
V
MAX.
VDD
TYP.
-
MIN.
0.8VDD
RECOMMENDED OPERATING CONDITIONS
“H” Level
VIL
0.2VDD
-
GND
“L” Level
Output
Voltage
VOL
V
0.2VDD
-
-
DOUT
VOH
-
-
0.8VDD
Supply Voltage
VDD
V
5.5
5
4.5
LED Driver Output Voltage
VOUT
V
13.5
High Level Output Current
I
OH
mA
-1
Low Level Output Current
I
OL
mA
1
LED Driver Output Current
I
OUT
mA
20
Operating Free-air Temperature Range
oC
85
-40
CLOCK Frequency
fCK
MHz
25
PWMCK Frequency
fPWMCK
MHz
25
Setup Time
tsetup
ns
15
AC CHARACTERISTICS
SYMBOL
UNIT
MAX.
TYP.
MIN.
Pulse Width
tWH0 / tWL0
ns
20
CLOCK
tWH1
ns
40
PWMCK
tWH2
ns
40
STROBE
Hold Time
thold
ns
15
fPWMCK
MHz
20
@5V
@3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com