Electronic Components Datasheet Search
  English  ▼

X  

LD1071 Datasheet(PDF) 7 Page - LDT Co., Ltd

Part # LD1071
Description  16 Channel Output LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1071 Datasheet(HTML) 7 Page - LDT Co., Ltd

Back Button LD1071 Datasheet HTML 3Page - LDT Co., Ltd LD1071 Datasheet HTML 4Page - LDT Co., Ltd LD1071 Datasheet HTML 5Page - LDT Co., Ltd LD1071 Datasheet HTML 6Page - LDT Co., Ltd LD1071 Datasheet HTML 7Page - LDT Co., Ltd LD1071 Datasheet HTML 8Page - LDT Co., Ltd LD1071 Datasheet HTML 9Page - LDT Co., Ltd LD1071 Datasheet HTML 10Page - LDT Co., Ltd LD1071 Datasheet HTML 11Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Ver1.0
7
LD1071
16 Channel Output LED Driver with 14 bit PWM Controller
ELECTRICAL CHARACTERISTICS (VDD = 5V, Ta = 25oC)
7.0
4.5
-
REXT=500Ω, OUTn=OFF
REF=FFh, PWM=Gray0
IOFF2
mA
0.8
0.4
-
REXT=Open, OUTn=OFF
REF=FFh, PWM=Gray0
IOFF1
Supply Current
400
200
100
-
RINDN
Pull Down Resistor
%
±3.0
±1.5
REXT=500Ω
IOUT=40㎃, VOUT=1.5V
IOLPP1
Output Current1
Pin to Pin Deviation
㏀
400
200
100
-
RINUP
Pull Up Resistor
%/V
±1.0
±0.5
REXT=500Ω
IOUT=40㎃, VOUT=1.5V
%/VDD
Output Current vs.
Supply Voltage Regulation
%
±6.0
±3.0
REXT=500Ω
IOUT=40㎃, VOUT=1.5V
IOLCC1
Output Current1
Chip to Chip Deviation
0.8VDD
IOH=1mA
VOH
V
0.2VDD
IOL=1mA
VOL
DOUT
Output
Voltage
uA
1
VOH=6.0V
IOZ
Output Leakage Current
0.3VDD
GND
-
VIL
L Level
0.7VDD
Min.
Typ.
VDD
Max.
V
-
VIH
H Level
Input
Voltage
Unit
Test Condition
Symbol
Parameter
DC CHARACTERISTIC TEST CIRCUIT
VDD
IDD
LD1071
OUT0
OUT15
DOUT
IOL
REXT
GND
Iref
IIN
IIH
IIL
VIN
VIH
VIL
PWMCK
STROBE
DIN
CLOCK
(Note ) REF : Constant Current Control Value ( CR[7:0] of Configuration Register )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com