Electronic Components Datasheet Search
  English  ▼

X  

LD1071 Datasheet(PDF) 17 Page - LDT Co., Ltd

Part # LD1071
Description  16 Channel Output LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1071 Datasheet(HTML) 17 Page - LDT Co., Ltd

Back Button LD1071 Datasheet HTML 13Page - LDT Co., Ltd LD1071 Datasheet HTML 14Page - LDT Co., Ltd LD1071 Datasheet HTML 15Page - LDT Co., Ltd LD1071 Datasheet HTML 16Page - LDT Co., Ltd LD1071 Datasheet HTML 17Page - LDT Co., Ltd LD1071 Datasheet HTML 18Page - LDT Co., Ltd LD1071 Datasheet HTML 19Page - LDT Co., Ltd LD1071 Datasheet HTML 20Page - LDT Co., Ltd LD1071 Datasheet HTML 21Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Ver1.0
17
LD1071
16 Channel Output LED Driver with 14 bit PWM Controller
WRITING THE DISPLAY DATA
With the 16 bit data, all output ports can be built with 16,384 gray scales. The 16-bit input shift register
latches 16 times of gray scale data into each data buffer with Display Data Write Command sequentially .
Finally Global Latch Command will load the 256 bit internal data buffers with LSB first into from output port
15( OUT15 ) to output port 0( OUT0 ). Even 16 bit display data for each port should be transferred, only 14
bits data are valid for gray scale image ( bit[13:0] ) and the high 2bits( bit[15:14] ) are reserved. For the detail
timing and sequence, refer to “Display Data Write Command” and “Global Latch Command” which is
described on page 14, please.
PWM DISPLAY CYCLE
The LD1071 implements the 14 bit gray level of each output port using the 4 PWM sub cycles. Each PWM
sub cycle is consisted of 12 bit PWMCK clocks. This enhancement provides a excellent energy
distribution in lighting the LED and increases the visual refresh rate and reduces the flickers.
D[15:14]
: Reserved
D[13:0]
: Display Data( 14 bit Gray Scale Data )
bit[13:2]
: 12bit PWM Comparing Data
bit[ 1: 0]
: PWM Insert data
1 1
: one pulse is inserted in 1st, 2nd and 3rd PWM Sub Cycle
1 0
: one pulse is inserted in 1st and 2nd PWM Sub Cycle
0 1
: one pulse is inserted in 1st PWM Sub Cycle
0 0
: Not inserted
12bit PWM
4096 PWMCK clocks
1st PWM Sub Cycle
2nd PWM Sub Cycle
3rd PWM Sub Cycle
4th PWM Sub Cycle
12bit PWM
4096 PWMCK clocks
12bit PWM
4096 PWMCK clocks
12bit PWM
4096 PWMCK clocks
ON
OFF
ON
OFF
ON
OFF
ON
OFF
OUT[15:0]
1 PWM Cycle ( 14 bit PWM Display = 16384 PWMCK clocks = 4096 x 4 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com