Electronic Components Datasheet Search
  English  ▼

X  

LD1072SS Datasheet(PDF) 28 Page - LDT Co., Ltd

Part # LD1072SS
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072SS Datasheet(HTML) 28 Page - LDT Co., Ltd

Back Button LD1072SS Datasheet HTML 24Page - LDT Co., Ltd LD1072SS Datasheet HTML 25Page - LDT Co., Ltd LD1072SS Datasheet HTML 26Page - LDT Co., Ltd LD1072SS Datasheet HTML 27Page - LDT Co., Ltd LD1072SS Datasheet HTML 28Page - LDT Co., Ltd LD1072SS Datasheet HTML 29Page - LDT Co., Ltd LD1072SS Datasheet HTML 30Page - LDT Co., Ltd LD1072SS Datasheet HTML 31Page - LDT Co., Ltd LD1072SS Datasheet HTML 32Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Ver1.0
27
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
DC[7:0]
OUT Current
DC[7]
DC[6:0]
0
0
Setting Current* 100%
0
1
Setting Current * 99.73%
0
2
Setting Current* 99.46%
0
3
Setting Current * 99.19%
•
•
•
•
•
•
0
124
Setting Current * 66.52%
0
125
Setting Current *66.25%
0
126
Setting Current * 65.98%
0
127
Setting Current * 65.71%
DC[7:0]
OUT Current
DC[7]
DC[6:0]
1
0
Setting Current * 100.27%
1
1
Setting Current * 100.54%
1
2
Setting Current * 100.81%
1
3
Setting Current * 101.08%
•
•
•
•
•
•
1
124
Setting Current* 133.75%
1
125
Setting Current * 134.02%
1
126
Setting Current* 134.29%
1
127
Setting Current * 134.56%
Table5. The relation 8-Bit DC Data and Output Current
The relation 8Bit Programmable Adjust Data and Output Current
I
OUTn = Imax X PAn/255
(9)
Imax = the maximum output current assigned by external resistor.
PAn : Programmable Adjust Data (255 ~0)
PROGRAMABLE ADJUST MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com