Electronic Components Datasheet Search
  English  ▼

X  

LD1072SS Datasheet(PDF) 10 Page - LDT Co., Ltd

Part # LD1072SS
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072SS Datasheet(HTML) 10 Page - LDT Co., Ltd

Back Button LD1072SS Datasheet HTML 6Page - LDT Co., Ltd LD1072SS Datasheet HTML 7Page - LDT Co., Ltd LD1072SS Datasheet HTML 8Page - LDT Co., Ltd LD1072SS Datasheet HTML 9Page - LDT Co., Ltd LD1072SS Datasheet HTML 10Page - LDT Co., Ltd LD1072SS Datasheet HTML 11Page - LDT Co., Ltd LD1072SS Datasheet HTML 12Page - LDT Co., Ltd LD1072SS Datasheet HTML 13Page - LDT Co., Ltd LD1072SS Datasheet HTML 14Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Ver1.0
9
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
SWITCHING CHARACTERISTICS
(V
DD = 3V to 5.5V, CL = 15pF,TA = -40 ℃
℃
℃
℃to 85℃
℃
℃
℃ (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Rise time
t
r0
DO
16
ns
t
r1
OUTn, V
DD = 5 V, TA = 60℃, DCn = 3Fh
10
30
Fall time
T
f0
DO
16
ns
t
f1
OUTn, V
DD = 5 V, TA = 60 ℃, DCn = 3Fh
10
30
Propagation delay
time
t
pd0
CLK - DO (see Figure 12)
30
ns
t
pd1
OEB - OUT0 (see Figure 12)
60
t
pd2
OUTn - ERR (see Figure 12)
1000
ns
t
pd3
PWMCK - OUT0 (see Figure 12)
60
ns
t
pd4
ST - IOUT (dot correction)
(see Figure 12)
1000
ns
Output delay time
t
d
OUTn - OUT(n+1) (see Figure 12)
2
4
ns
Output on-time error
t
on_err
t
outon
– T
pwmck (see Figure 12),
PWMn = 01h, PWMCK = 11MHz
10
-20
-50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com