Electronic Components Datasheet Search
  English  ▼

X  

LR9641 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR9641
Description  42V Input Standoff Voltage, 0.7A Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR9641 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR9641 Datasheet HTML 1Page - Leshan Radio Company LR9641 Datasheet HTML 2Page - Leshan Radio Company LR9641 Datasheet HTML 3Page - Leshan Radio Company LR9641 Datasheet HTML 4Page - Leshan Radio Company LR9641 Datasheet HTML 5Page - Leshan Radio Company LR9641 Datasheet HTML 6Page - Leshan Radio Company LR9641 Datasheet HTML 7Page - Leshan Radio Company LR9641 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MARK and ORDERING INFORMATION
Mark Explanation
aa: Type
b: Year
c: Week
PINOUT DESCRIPTION
PIN #
NAME
DESCRIPTION
1
BST
Bootstrap pin. Connect a 10nF capacitor from this pin to SW
2
GND
Ground
3
FB
Feedback Input. Connect an external resistor divider from the output to FB and GND to set VOUT
4
EN
Enable pin for the IC. Drive this pin high to enable the part, low to disable.
5
IN
Supply Voltage. Bypass with a 10μF ceramic capacitor to GND
6
SW
Inductor Connection. Connect an inductor Between SW and the regulator output.
BLOCK DIAGRAM
REG
&REF
PWM
Logic
DRIVER
FB
+
Slope Comp
OSC
Σ
IN
BST
SW
GND
UVLO &
Thermal
shutdown
Current
Sense
EA
+
-
-
EN
COMP
network
LESHAN RADIO COMPANY, LTD.
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com