Electronic Components Datasheet Search
  English  ▼

X  

LR9641 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR9641
Description  42V Input Standoff Voltage, 0.7A Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR9641 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR9641 Datasheet HTML 1Page - Leshan Radio Company LR9641 Datasheet HTML 2Page - Leshan Radio Company LR9641 Datasheet HTML 3Page - Leshan Radio Company LR9641 Datasheet HTML 4Page - Leshan Radio Company LR9641 Datasheet HTML 5Page - Leshan Radio Company LR9641 Datasheet HTML 6Page - Leshan Radio Company LR9641 Datasheet HTML 7Page - Leshan Radio Company LR9641 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABSOLUTE MAXIMUM RATING
Parameter
Value
Input Voltage Range
-0.3V-42V
Max Operating Junction Temperature(Tj)
150
°C
SW, EN Voltage
–0.3V to VIN+0.3V
BST Voltage
–0.3V to SW+6V
FB Voltage
–0.3V to 6V
SW to ground curren
Internally limited
Operating Temperature(To)
-40
°C –85°C
Package Thermal Resistance (
θjc)
SOT23-6
110
°C / W
Storage Temperature(Ts)
-55
°C - 150°C
Note: Exceed these limits to damage to the device. Exposure to absolute maximum
rating conditions may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = 12V, unless otherwise specified. Typical values are at TA = 25
°C .)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Standoff Voltage
42
V
Input Voltage Range
4
38
V
Input UVLO
Rising, Hysteresis=140mV
3.80
V
Input OVP
Rising, Hysteresis=1.3V
38
V
Input Supply Current
VFB =0.85V
0.6
mA
Input Shutdown Current
6
μA
FB Feedback Voltage
0.800
V
FB Input Current
0.01
μA
Switching Frequency
660
KHz
Maximum Duty Cycle
90
%
FoldBack Frequency
VFB = 0V
60
KHz
High side Switch On Resistance
ISW =200mA
400
mΩ
High side Switch Current Limit
1.2
A
SW Leakage Current
VIN=12V,VSW=0, EN= GND
10
μA
EN Input Current
VIN=12V ,VEN =5V
1
5
μA
EN Input Low Voltage
Rising, Hysteresis=100mV
0.8
1.1
1.4
V
Thermal Shutdown
Hysteresis=40°C
150
°C
LESHAN RADIO COMPANY, LTD.
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com