Electronic Components Datasheet Search
  English  ▼

X  

LR9641 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR9641
Description  42V Input Standoff Voltage, 0.7A Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR9641 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR9641 Datasheet HTML 1Page - Leshan Radio Company LR9641 Datasheet HTML 2Page - Leshan Radio Company LR9641 Datasheet HTML 3Page - Leshan Radio Company LR9641 Datasheet HTML 4Page - Leshan Radio Company LR9641 Datasheet HTML 5Page - Leshan Radio Company LR9641 Datasheet HTML 6Page - Leshan Radio Company LR9641 Datasheet HTML 7Page - Leshan Radio Company LR9641 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
42V Input Standoff Voltage, 0.7A Step-Down Converter
DESCRIPTION
The LR9641 is a wide input range, high-efficiency,
and high frequency DC-to-DC step-down
switching regulator, capable of delivering up to
0.7A of output current. With a fixed switching
frequency of 660KHz, this current mode PWM
controlled converter allows the use of small
external components, such as ceramic input and
output caps, as well as small inductors.LR9641
also employs a proprietary control scheme that
switches the device into a power save mode
during light load, thereby extending the range of
high efficiency operation. An OVP function
protects the IC itself and its downstream system
against input voltage surges. With this OVP
function, the IC can stand off input voltage as
high as 42V, making it an ideal solution for
industrial applications such as smart meters as
well as automotive applications.
In automotive systems, power comes from the
battery, with its voltage typically between 9V and
24V. Including cold crank and double battery
jump-starts, the minimum input voltage may be
as low as 4V and the maximum up to 36V, with
even higher transient voltages. With these high
input voltages, linear regulators cannot be used
for high supply currents without overheating the
regulator. Instead, high efficiency switching
regulators such as LR9641 must be used to
minimize thermal dissipation.
LR9641 is available SOT23-6 Packages.
FEATURES
• Wide Input Operating Range from 4V to 38V
• Standoff Input Voltage: 42V
• High Efficiency at 12V In 5V Out: Up to 92%:
• High Efficiency PFM mode at light load
• Capable of Delivering 0.7A
• No External Compensation Needed
• Current Mode control
• Logic Control Shutdown
• Thermal shutdown and UVLO
• Available in SOT23-6 Package
APPLICATIONS
• Smart Meters
• Industrial Applications
• Automotive Applications
PIN OUT
TYPICAL APPLICATION
LR9641
LESHAN RADIO COMPANY, LTD.
1/8
Ver 1.2


Similar Part No. - LR9641

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
Unisonic Technologies
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9101G-10-AE2-R UTC-LR9101G-10-AE2-R Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9101G-10-AE3-R UTC-LR9101G-10-AE3-R Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - LR9641

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE728E ACE-ACE728E Datasheet
522Kb / 8P
42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA2821 ETA-ETA2821 Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2841 ETA-ETA2841 Datasheet
198Kb / 1P
42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
ETA2842 ETA-ETA2842 Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2843 ETA-ETA2843 Datasheet
135Kb / 1P
42V Input Standoff Voltage, 0.4A Step-Down Converter in SOT23-6
ETA2845 ETA-ETA2845 Datasheet
138Kb / 1P
42V Input Standoff Voltage, 0.4A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com