Electronic Components Datasheet Search
  English  ▼

X  

LR9641 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR9641
Description  42V Input Standoff Voltage, 0.7A Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR9641 Datasheet(HTML) 6 Page - Leshan Radio Company

  LR9641 Datasheet HTML 1Page - Leshan Radio Company LR9641 Datasheet HTML 2Page - Leshan Radio Company LR9641 Datasheet HTML 3Page - Leshan Radio Company LR9641 Datasheet HTML 4Page - Leshan Radio Company LR9641 Datasheet HTML 5Page - Leshan Radio Company LR9641 Datasheet HTML 6Page - Leshan Radio Company LR9641 Datasheet HTML 7Page - Leshan Radio Company LR9641 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FUNCTIONAL DECRIPTIONS
Loop Operation
The LR9641 is a wide input range, high-efficiency, DC-to-DC step-down switching regulator, capable of delivering up to
0.7A of output current, integrated with a 400mΩ high side MOSFET. It uses a PWM current-mode control scheme. An
error amplifier integrates error between the FB signal and the internal reference voltage. The output of the integrator is
then compared to the sum of a current-sense signal and the slope compensation ramp. This operation generates a PWM
signal that modulates the duty cycle of the power MOSFETs to achieve regulation for output voltage.
Light Load Operation
Traditionally, a fixed constant frequency PWM DC-DC regulator always switches even when the output load is small.
When energy is shuffling back and forth through the power MOSFETs, power is lost due to the finite RDSONs of the
MOSFETs and parasitic capacitances. At light load, this loss is prominent and efficiency is therefore very low. LR9641
employs a proprietary control scheme that improves efficiency in this situation by enabling the device into a power save
mode during light load, thereby extending the range of high efficiency operation.
APPLICATION INFORMATION
Setting Output Voltages
Output voltages are set by external resistors. The FB threshold is 0.8V.
RTOP = RBOTTOM x [(VOUT / 0.8) - 1]
Inductor Selection
The peak-to-peak ripple is limited to 30% of the maximum output current. This places the peak current far enough from
the minimum overcurrent trip level to ensure reliable operation while providing enough current ripples for the current
mode converter to operate stably. In this case, for 0.7A maximum output current, the maximum inductor ripple current
is 300 mA. The inductor size is estimated as following equation:
LIDEAL=(VIN(MAX)-VOUT)/IRIPPLE*DMIN*(1/FOSC)
Therefore, for VOUT=5V, The inductor values is calculated to be L = 13μH. Chose 10μH or 15μH
For VOUT =3.3V,The inductor values is calculated to be L = 9.2μH. Chose 10μH
Output Capacitor Selection
For most applications a nominal 22μF or larger capacitor is suitable. The LR9641 internal compensation is designed for a
fixed corner frequency that is equal to FC= 8.7Khz
For example, for VOUT=5V, L=15μH, COUT=22μF.
The output capacitor keeps output ripple small and ensures control-loop stability. The output capacitor must also have
low impedance at the switching frequency. Ceramic, polymer, and tantalum capacitors are suitable, with ceramic
5ms/div
VOUT
ISW
5ms/div
5ms/div
VOUT
ISW
ISW
VOUT
LESHAN RADIO COMPANY, LTD.
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com