Electronic Components Datasheet Search
  English  ▼

X  

IRGP4263PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP4263PBF
Description  Insulated Gate Bipolar Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4263PBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP4263PBF Datasheet HTML 1Page - International Rectifier IRGP4263PBF Datasheet HTML 2Page - International Rectifier IRGP4263PBF Datasheet HTML 3Page - International Rectifier IRGP4263PBF Datasheet HTML 4Page - International Rectifier IRGP4263PBF Datasheet HTML 5Page - International Rectifier IRGP4263PBF Datasheet HTML 6Page - International Rectifier IRGP4263PBF Datasheet HTML 7Page - International Rectifier IRGP4263PBF Datasheet HTML 8Page - International Rectifier IRGP4263PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
IRGP4263PbF/IRGP4263-EPbF
2
www.irf.com
© 2013 International Rectifier
July 12, 2013
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
650
—
—
V
VGE = 0V, IC = 100µA 
V(BR)CES/ Temperature Coeff. of Breakdown Voltage
—
505
—
mV/°C VGE = 0V, IC = 1mA (25°C-175°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.7
2.1
V
IC = 48A, VGE = 15V, TJ = 25°C
—
2.1
—
IC = 48A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
5.5
—
7.7
V
VCE = VGE, IC = 1.4mA
VGE(th)/TJ Threshold Voltage Temperature Coeff.
—
-23
—
mV/°C VCE = VGE, IC = 1.4mA (25°C-175°C)
gfe
Forward Transconductance
—
31
—
S
VCE = 50V, IC = 48A, PW = 20µs
ICES
Collector-to-Emitter Leakage Current
—
1.0
25
µA
VGE = 0V, VCE = 650V
—
700
—
VGE = 0V, VCE = 650V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max Units
Conditions
Qg
Total Gate Charge (turn-on)
—
100
150
nC
IC = 48A
Qge
Gate-to-Emitter Charge (turn-on)
—
30
50
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
—
40
60
VCC = 600V
Eon
Turn-On Switching Loss
—
1.7
2.6
mJ  
IC = 48A, VCC = 400V, VGE=15V
RG = 10, L = 210µH, TJ = 25°C
Energy losses include tail & diode
reverse recovery 
Eoff
Turn-Off Switching Loss
1.0
1.9
Etotal
Total Switching Loss
 
2.7 
4.5 
td(on)
Turn-On delay time
—
70
90
ns 
tr
Rise time
—
60
80
td(off)
Turn-Off delay time
—
140
160
tf
Fall time
—
30
50
Eon
Turn-On Switching Loss
—
2.9
—
mJ  
IC = 48A, VCC = 400V, VGE=15V
RG = 10, L = 210µH, TJ = 175°C
Energy losses include tail & diode
reverse recovery  
Eoff
Turn-Off Switching Loss
—
1.4
—
Etotal
Total Switching Loss
4.3
td(on)
Turn-On delay time
—
55
—
ns
tr
Rise time
—
60
—
td(off)
Turn-Off delay time
—
145
—
tf
Fall time
—
65
—
Cies
Input Capacitance
—
3000
—
VGE = 0V
Coes
Output Capacitance
—
150
—
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
—
80
—
f = 1.0Mhz
RBSOA
Reverse Bias Safe Operating Area
TJ = 175°C, IC = 192A
FULL SQUARE
VCC = 520V, Vp ≤ 650V
Rg = 10
, VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
5.5
—
—
TJ = 150°C,VCC = 400V, Vp ≤ 650V
Rg = 10
, VGE = +15V to 0V
µs
Notes:
VCC = 80% (VCES), VGE = 20V, L = 50µH, RG = 10.
Ris measured at TJ of approximately 90°C.
Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
Maximum limits are based on statistical sample size characterization.
Pulse width limited by max. junction temperature.
Values influenced by parasitic L and C in measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com