Electronic Components Datasheet Search
  English  ▼

X  

IRGP4263PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRGP4263PBF
Description  Insulated Gate Bipolar Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4263PBF Datasheet(HTML) 3 Page - International Rectifier

  IRGP4263PBF Datasheet HTML 1Page - International Rectifier IRGP4263PBF Datasheet HTML 2Page - International Rectifier IRGP4263PBF Datasheet HTML 3Page - International Rectifier IRGP4263PBF Datasheet HTML 4Page - International Rectifier IRGP4263PBF Datasheet HTML 5Page - International Rectifier IRGP4263PBF Datasheet HTML 6Page - International Rectifier IRGP4263PBF Datasheet HTML 7Page - International Rectifier IRGP4263PBF Datasheet HTML 8Page - International Rectifier IRGP4263PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
 
IRGP4263PbF/IRGP4263-EPbF
3
www.irf.com
© 2013 International Rectifier
July 12, 2013
25
50
75
100
125
150
175
TC (°C)
0
50
100
150
200
250
300
350
0.1
1
10
100
f , Frequency ( kHz )
10
30
50
70
90
110
For both:
Duty cycle : 50%
Tj = 175°C
Tcase = 100°C
Gate drive as specified
Power Dissipation = 150W
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
I
Square Wave:
V
CC
Diode as specified
10
100
1000
VCE (V)
1
10
100
1000
Fig. 3 - Power Dissipation vs.
Case Temperature
Fig. 5- Reverse Bias SOA
T
J
= 175°C; VGE = 20V
1
10
100
1000
VCE, Collector-to-Emitter Voltage (V)
0.01
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY V CE(on)
100µsec
DC
Fig. 2 - Maximum DC Collector Current vs.
Case Temperature
Fig. 4 - Forward SOA
T
C
= 25°C, TJ
175°C, V
GE
=15V
25
50
75
100
125
150
175
TC (°C)
0
25
50
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com