Electronic Components Datasheet Search
  English  ▼

X  

IRGP4263PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRGP4263PBF
Description  Insulated Gate Bipolar Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4263PBF Datasheet(HTML) 5 Page - International Rectifier

  IRGP4263PBF Datasheet HTML 1Page - International Rectifier IRGP4263PBF Datasheet HTML 2Page - International Rectifier IRGP4263PBF Datasheet HTML 3Page - International Rectifier IRGP4263PBF Datasheet HTML 4Page - International Rectifier IRGP4263PBF Datasheet HTML 5Page - International Rectifier IRGP4263PBF Datasheet HTML 6Page - International Rectifier IRGP4263PBF Datasheet HTML 7Page - International Rectifier IRGP4263PBF Datasheet HTML 8Page - International Rectifier IRGP4263PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
 
IRGP4263PbF/IRGP4263-EPbF
5
www.irf.com
© 2013 International Rectifier
July 12, 2013
 
IRGP4263PbF/IRGP4263-EPbF
Fig. 16 - Typ. Switching Time vs. RG
TJ = 175°C; L = 0.210mH; VCE = 400V, ICE = 48A; VGE = 15V
0
20
40
60
80
100
RG ()
1
10
100
1000
10000
tR
tdOFF
tF
tdON
Fig. 14 - Typ. Switching Time vs. IC
TJ = 175°C; L = 0.210mH; VCE = 400V, RG = 10; VGE = 15V
4
6
8
10
1214161820
VGE, Gate-to-Emitter Voltage(V)
0
20
40
60
80
100
120
140
160
180
200
TJ = 25°C
TJ = 175°C
Fig. 12 - Typ. Transfer Characteristics
VCE = 50V; tp = 20µs
0
10 20 30 40 50 60 70 80 90 100
IC (A)
10
100
1000
tR
tdOFF
tF
tdON
0 102030 40 50 6070 8090 100 110
IC (A)
0
1
2
3
4
5
6
7
8
9
10
EOFF
EON
Fig. 13 - Typ. Energy Loss vs. IC
TJ = 175°C; L = 0.210mH; VCE = 400V, RG = 10; VGE = 15V
0
20
40
60
80
100
120
RG ()
0
1
2
3
4
5
6
7
8
EOFF
EON
8
1012
1416
18
VGE (V)
5
10
15
20
25
30
35
40
80
120
160
200
240
280
Tsc
Isc
Fig. 15 - Typ. Energy Loss vs. RG
TJ = 175°C; L = 0.210mH; VCE = 400V, ICE = 48A; VGE = 15V
Fig. 17 - VCE vs. Short Circuit Time
Vcc= 400V; TC= 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com