Electronic Components Datasheet Search
  English  ▼

X  

IRGP4263PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGP4263PBF
Description  Insulated Gate Bipolar Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4263PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGP4263PBF Datasheet HTML 2Page - International Rectifier IRGP4263PBF Datasheet HTML 3Page - International Rectifier IRGP4263PBF Datasheet HTML 4Page - International Rectifier IRGP4263PBF Datasheet HTML 5Page - International Rectifier IRGP4263PBF Datasheet HTML 6Page - International Rectifier IRGP4263PBF Datasheet HTML 7Page - International Rectifier IRGP4263PBF Datasheet HTML 8Page - International Rectifier IRGP4263PBF Datasheet HTML 9Page - International Rectifier IRGP4263PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
 
IRGP4263PbF/IRGP4263-EPbF
6
www.irf.com
© 2013 International Rectifier
July 12, 2013
Fig. 20 Maximum Transient Thermal Impedance, Junction-to-Case (IGBT)
Fig. 19 - Typical Gate Charge vs. VGE
ICE = 48A
0
100
200
300
400
500
VCE (V)
10
100
1000
10000
Cies
Coes
Cres
Fig. 18 - Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
0
2040
6080
100
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES = 400V
VCES = 300V
J
J
1
1
2
2
3
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
iRi
Ci=
iRi
C
C
4
4
R
4
R
4
Ri
(°C/W)
i (sec) 
0.0839
0.00012
0.0626
0.00012
0.2091
0.00425
0.1450
0.02510



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com