Electronic Components Datasheet Search
  English  ▼

X  

IR21141SS Datasheet(PDF) 3 Page - International Rectifier

Part # IR21141SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21141SS Datasheet(HTML) 3 Page - International Rectifier

  IR21141SS Datasheet HTML 1Page - International Rectifier IR21141SS Datasheet HTML 2Page - International Rectifier IR21141SS Datasheet HTML 3Page - International Rectifier IR21141SS Datasheet HTML 4Page - International Rectifier IR21141SS Datasheet HTML 5Page - International Rectifier IR21141SS Datasheet HTML 6Page - International Rectifier IR21141SS Datasheet HTML 7Page - International Rectifier IR21141SS Datasheet HTML 8Page - International Rectifier IR21141SS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
IR21141/IR22141SSPbF
www.irf.com
© 2009 International Rectifier
3
Static Electrical Characteristics
VCC = 15 V, VSS = COM = 0 V, VS = 600 V or 1200 V and TA = 25 °C unless otherwise specified.
Pins: VCC, VSS, VB, VS (refer to Fig. 1)
Symbol
Definition
Min
Typ
Max Units
Test Conditions
VCCUV+
VCC supply undervoltage positive going threshold
9.3
10.2
11.4
VCCUV-
VCC supply undervoltage negative going threshold
8.7
9.3
10.3
VCCUVH
VCC supply undervoltage lockout hysteresis
—
0.9
—
VBSUV+
(VB-VS) supply undervoltage positive going threshold
9.3
10.2
11.4
VBSUV-
(VB-VS) supply undervoltage negative going threshold
8.7
9.3
10.3
VS = 0 V, VS = 600 V
or 1200 V
VBSUVH
(VB-VS) supply undervoltage lockout hysteresis
—
0.9
—
V
ILK
Offset supply leakage current
—
—
50
VB = VS = 600 V or
1200 V
IQBS
Quiescent VBS supply current
—
400
800
µA
VIN = 0 V or 3.3 V
IQCC
Quiescent VCC supply current
—
0.7
2.5
mA
no load
Pins: HIN, LIN, FLTCLR, FAULT/SD, SY_FLT (refer to Fig. 2, 3)
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
VIH
Logic "1" input voltage
2.0
—
—
VIL
Logic "0" input voltage
—
—
0.8
VIHSS
Logic input hysteresis
0.2
0.4
—
V
VCC = VCCUV-
to 20 V
Logic “1” input bias current (HIN, LIN, FLTCLR)
—
330
—
IIN+
Logic “0” input bias current (FAULT/SD, SY_FLT)
0
—
1
VIN = 3.3 V
Logic “0” input bias current
-1
—
0
IIN-
Logic “1” input bias current (FAULT/SD, SY_FLT)
-1
—
0
µA
VIN = 0 V
RON,FLT
FAULT/SD open drain resistance
—
60
—
RON,SY
SY_FLT open drain resistance
—
60
—
PW≤ 7 µs
Pins: DSL, DSH (refer to Fig. 4)
The active bias is present only the IR21141and IR22141. VDESAT, IDS and IDSB parameters are referenced to COM and VS
respectively for DSL and DSH.
Symbol
Definition
Min Typ Max Units
Test Conditions
VDESAT+
High desat input threshold voltage
7.2 8.0
8.8
VDESAT-
Low desat input threshold voltage
6.3 7.0
7.7
VDSTH
Desat input voltage hysteresis
—
1.0
—
V
See Figs. 4,16
IDS+
High DSH or DSL input bias current
—
21
—
VDESAT = VCC or VBS
IDS-
Low DSH or DSL input bias current
— -160 —
µA
VDESAT = 0 V
IDSB
DSH or DSL input bias current
(IR21141 and IR22141 only)
—
-20
—
mA
VDESAT = (VCC or VBS) – 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com