| Electronic Components Datasheet Search |
|
IR21141SS Datasheet(PDF) 16 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR21141SS Datasheet(HTML) 16 Page - International Rectifier |
|
16 / 34 page ![]() IR21141/IR22141SSPbF www.irf.com © 2009 International Rectifier 16 Referred to the timing diagram of Fig. 17: A. When the input signals are on together the outputs go off (anti-shoot through), B. The HO signal is on and the high side IGBT desaturates, the HO turn off softly while the SY_FLT stays low. When SY_FLT goes high the FAULT/SD goes low. While in SSD, if LIN goes up, LO does not change (freeze), C. When FAULT/SD is latched low (see FAULT/SD section) FLT_CLR can disable it and the outputs go back to follow the inputs, D. The DSH goes high but this is not read because HO is off, E. The LO signal is on and the low side IGBT desaturates, the low side behaviour is the same as described in point B, F. The DSL goes high but this is not read as LO is off, G. As point A (anti-shoot through). Referred to the timing diagram Fig. 18: A. The device is in the hold state, regardless of input variations. The hold state results as SY_FLT is forced low externally, B. The device outputs go off by hard shutdown, externally commanded. A through B is the same sequence adopted by another IR2x14x device in SSD procedure. C. Externally driven low FAULT/SD (shutdown state) cannot be disabled by forcing FLT_CLR (see FAULT/SD section), D. The FAULT/SD is released and the outputs go back to follow the inputs, E. Externally driven low FAULT/SD: outputs go off by hard shutdown (like point B), F. As point A and B but for the low side output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |