Electronic Components Datasheet Search
  English  ▼

X  

IR21141SS Datasheet(PDF) 4 Page - International Rectifier

Part # IR21141SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21141SS Datasheet(HTML) 4 Page - International Rectifier

  IR21141SS Datasheet HTML 1Page - International Rectifier IR21141SS Datasheet HTML 2Page - International Rectifier IR21141SS Datasheet HTML 3Page - International Rectifier IR21141SS Datasheet HTML 4Page - International Rectifier IR21141SS Datasheet HTML 5Page - International Rectifier IR21141SS Datasheet HTML 6Page - International Rectifier IR21141SS Datasheet HTML 7Page - International Rectifier IR21141SS Datasheet HTML 8Page - International Rectifier IR21141SS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
IR21141/IR22141SSPbF
www.irf.com
© 2009 International Rectifier
4
Pins: HOP, LOP (refer to Fig. 5)
Symbol
Definition
Min
Typ
Max Units
Test Conditions
VOH
High level output voltage, VB – VHOP or VCC –VLOP
—
40
300
mV
IO= 20 mA
IO1+
Output high first stage short circuit pulsed current
1
2
—
VHOP/LOP= 0 V, HIN
or LIN = 1, PW≤
200 ns, resistive
load, see Fig. 8
IO2+
Output high second stage short circuit pulsed current
0.5
1
—
A
VHOP/LOP= 0 V, HIN
or LIN= 1,
400 ns ≤PW≤ 10
µs, resistive load,
see Fig. 8
Pins: HON, LON, SSDH, SSDL (refer to Fig. 6)
Symbol
Definition
Min
Typ
Max Units
Test Conditions
VOL
Low level output voltage, VHON or VLON
—
45
300
mV
IO= 20 mA
RON,SSD
Soft Shutdown on resistance
†
—
90
—
PW≤ 7 µs
IO-
Output low short circuit pulsed current
1.5
3
—
A
VHOP/LOP = 15 V,
HIN or LIN = 0, PW≤
10 µs
†
SSD operation only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com