Electronic Components Datasheet Search
  English  ▼

X  

IR21141SS Datasheet(PDF) 14 Page - International Rectifier

Part # IR21141SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21141SS Datasheet(HTML) 14 Page - International Rectifier

Back Button IR21141SS Datasheet HTML 10Page - International Rectifier IR21141SS Datasheet HTML 11Page - International Rectifier IR21141SS Datasheet HTML 12Page - International Rectifier IR21141SS Datasheet HTML 13Page - International Rectifier IR21141SS Datasheet HTML 14Page - International Rectifier IR21141SS Datasheet HTML 15Page - International Rectifier IR21141SS Datasheet HTML 16Page - International Rectifier IR21141SS Datasheet HTML 17Page - International Rectifier IR21141SS Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
IR21141/IR22141SSPbF
www.irf.com
© 2009 International Rectifier
14
VCC
LIN
HIN
FLT_CLR
VB
HOP
HON
SSH
DSH
VS
LOP
LON
SSL
DSL
COM
VSS
SY_FLT
FAULT/SD
VCC
LIN
HIN
FLT_CLR
VB
HOP
HON
SSH
DSH
VS
LOP
LON
SSL
DSL
COM
VSS
SY_FLT
FAULT/SD
VCC
LIN
HIN
FLT_CLR
VB
HOP
HON
SSH
DSH
VS
LOP
LON
SSL
DSL
COM
VSS
SY_FLT
FAULT/SD
phase U
phase V
phase W
FAULT
Figure 15:
IR22141 used in a 3 phase application
SY_FLT: The bi-directional SY_FLT pins communicate
each other through a local network. The logic signal is
active
low.
The
device
that
detects
the
IGBT
desaturation activates the SY_FLT, which is then read
by the other gate drivers. When SY_FLT is active all the
drivers hold their output state regardless of the input
signals (HIN, LIN) they receive from the controller (freeze
state). This feature is particularly important in phase-to-
phase short circuit where two IGBTs are involved; in
fact, while one is softly shutting-down, the other must be
prevented from hard shutdown to avoid exiting SSD. In
the freeze state, the frozen drivers are not completely
inactive because desaturation detection still takes the
highest priority. SY_FLT communication has been
designed for creating a local network between the
drivers.
FAULT/SD:
The
bi-directional
FAULT/SD
pins
communicate with each other and with the system
controller. The logic signal is active low. When low, the
FAULT/SD signal commands the outputs to go off by
hard shutdown. There are three events that can force
FAULT/SD low:
1.
Desaturation detection event: the FAULT/SD
pin is latched low when SSD is over, and only a
FLT_CLR signal can reset it;
2.
Undervoltage on VCC: the FAULT/SD pin is
forced low and held until the undervoltage is
active. This event is not latched;
3.
FAULT/SD is externally driven low either from
the controller or from another IR21141/IR22141
device. This event is not latched; therefore the
FLT_CLR
cannot
disable
it.
Only
when
FAULT/SD becomes high the device returns to
its normal operating mode.
1.4.5 Fault Management at Start-up
When the bootstrap supply topology is used for
supplying the floating high side and the recommended
power supply start-up sequence is followed, FLT_CLR
pin must be kept active to prevent spurious diagnostic
signals being generated.
In the event of power inverter failure already present or
occurring during start-up (phase and/or rail supply short-
circuit, overload conditions induced by the load, etc.),
keeping the FLT_CLR pin active will also prevent the
real fault condition to be detected with the FAULT/SD
pin. In such a condition a large current increase in the
IGBT will desaturate the transistor, allowing the gate
driver to detect and turn-off the desaturated transistor
with the integrated soft shutdown (SSD) protection.
As with a normal SSD sequence, during SSD the
SY_FLT output pin (active low, see Fig. 14) will report
the gate driver status. But now, being the FLT_CLR pin
already active, the gate driver will not generate a FAULT
signal by activating the FAULT/SD pin and it will not
enter hard shutdown.
To prevent the driver to resume charging the bootstrap
capacitor, therefore re-establishing the condition that will
determine again the occurrence of the large current
increase in the IGBT, it is recommended to monitor the
SY_FLT output pin. Should the SY_FLT output pin go
low during the start-up sequence, the controller must
interpret a power inverter failure is present, and stop the
start-up sequence.
1.5 Active Bias
For the purpose of sensing the power transistor
desaturation, the collector voltage is monitored (an
external high voltage diode is connected between the
IGBT’s collector and the IC’s DSH or DSL pin). The
diode is normally biased by an internal pull up resistor
connected to the local supply line (VB or VCC). When the
transistor is “on” the diode is conducting and the amount
of current flowing in the circuit is determined by the
internal pull up resistor value.
In the high side circuit, the desaturation biasing current
may become relevant for dimensioning the bootstrap
capacitor (see Fig. 19). In fact, a pull up resistor with a
low resistance may result in a high current that
significantly discharges the bootstrap capacitor. For that
reason, the internal pull up resistor typical value is of the
order of 100 k .
While the impedance of the DSH/DSL pins is very low
when the transistor is on (low impedance path through
the external diode down to the power transistor), the
impedance is only controlled by the pull up resistor when
the transistor is off. In that case, relevant dV/dt applied
by the power transistor during the commutation at the
output results in a considerable current injected through
the stray capacitance of the diode into the desaturation
detection pin (DSH/DSL). This coupled noise may be
easily reduced by using an active bias structure for the
sensing diode.
In IR21141/IR22141 the DSH/DSL pins integrate an
active pull-up structure respectively to VB/VCC, and a pull-
down structure to VS/COM.
The dedicated biasing circuit reduces the impedance on
the DSH/DSL pin when the voltage exceeds the VDESAT
threshold (see Fig. 16). This low impedance helps
rejecting the noise current injected by the parasitic
capacitance. When the power transistor is fully on, the
sensing diode is forward biased and the voltage at the
DSH/DSL pin decreases. At this point the biasing circuit
deactivates, to reduce the bias current of the diode as
shown in Fig. 16.
In certain switching conditions (short pulses, high
temperature) the recovery current of the external de-
saturation sensing diode might reach levels beyond the
capability of the active bias circuit. In order to avoid
malfunctions and damage for the IC an external Schottky



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com