Electronic Components Datasheet Search
  English  ▼

X  

AD7683 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7683
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683 Datasheet(HTML) 4 Page - Analog Devices

  AD7683 Datasheet HTML 1Page - Analog Devices AD7683 Datasheet HTML 2Page - Analog Devices AD7683 Datasheet HTML 3Page - Analog Devices AD7683 Datasheet HTML 4Page - Analog Devices AD7683 Datasheet HTML 5Page - Analog Devices AD7683 Datasheet HTML 6Page - Analog Devices AD7683 Datasheet HTML 7Page - Analog Devices AD7683 Datasheet HTML 8Page - Analog Devices AD7683 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 3 of 28
SPECIFICATIONS
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, VREF = 5 V, TA = −40°C to +125°C, unless otherwise noted.1
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
INx+ − INx−
−VREF
+VREF
V
Absolute Input Voltage
INx+, INx−
−0.1
VREF + 0.1
V
Common-Mode Input Range
INx+, INx−
VREF × 0.475
VREF × 0.5
VREF × 0.525
V
Analog Input CMRR
fIN = 450 kHz
67
dB
Leakage Current at 25°C
Acquisition phase
200
nA
Input Impedance
See the Analog Inputs section
ACCURACY
No Missing Codes
16
Bits
Differential Nonlinearity Error
VREF = 5 V
−1.0
±0.4
+1.0
LSB2
VREF = 2.5 V
±0.7
LSB2
Integral Nonlinearity Error
VREF = 5 V
−2.0
±0.5
+2.0
LSB2
VREF = 2.5 V
±0.4
LSB2
Transition Noise
VREF = 5 V
0.75
LSB2
VREF = 2.5 V
1.2
LSB2
Gain Error3
TMIN to TMAX
−0.04
±0.006
+0.04
% FS
Gain Error Temperature Drift
0.19
ppm/°C
Gain Error Match3
TMIN to TMAX
0.0
0.025
% FS
Offset Error3
TMIN to TMAX
−0.5
±0.015
+0.5
mV
Offset Temperature Drift
0.3
ppm/°C
Offset Error Match3
TMIN to TMAX
0.05
1.0
mV
Power Supply Sensitivity
VDD = 2.5 V ± 5%
±0.1
LSB2
THROUGHPUT
Conversion Rate
VIO ≥ 2.3 V up to 85°C, VIO ≥ 3.3 V
above 85°C, up to 125°C
0
1
MSPS
Transient Response
Full-scale step
290
ns
AC ACCURACY
Dynamic Range
VREF = 5 V
95.5
dB4
VREF = 2.5 V
92.5
dB4
Oversampled Dynamic Range
fOUT = 10 kSPS
113.5
dB4
Signal-to-Noise Ratio (SNR)
fIN = 1 kHz, VREF = 5 V
92
94
dB4
fIN = 1 kHz, VREF = 2.5 V
89
91
dB4
Spurious-Free Dynamic Range (SFDR)
fIN = 1 kHz
−115
dB4
Total Harmonic Distortion (THD)
fIN = 1 kHz
−112
dB4
Signal-to-(Noise + Distortion) (SINAD)
fIN = 1 kHz, VREF = 5 V
91.5
93.5
dB4
fIN = 1 kHz, VREF = 2.5 V
88.5
90.5
dB4
Channel-to-Channel Isolation
fIN = 10 kHz
−120
dB4
1
In this data sheet, the voltages for the VDDx, VIOx, and REFx pins are indicated by VDD, VIO, and VREF, respectively.
2
With the 5 V input range, 1 LSB = 152.6 µV. With the 2.5 V input range, 1 LSB = 76.3 µV.
3
See the Terminology section. These specifications include full temperature range variation, but they do not include the error contribution from the external reference.
4
All specifications in decibels (dB) are referred to a full-scale input FSR. Although these parameters are referred to full scale, they are tested with an input signal at 0.5 dB below
full scale, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com