Electronic Components Datasheet Search
  English  ▼

X  

AD7683 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7683
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7683 Datasheet HTML 6Page - Analog Devices AD7683 Datasheet HTML 7Page - Analog Devices AD7683 Datasheet HTML 8Page - Analog Devices AD7683 Datasheet HTML 9Page - Analog Devices AD7683 Datasheet HTML 10Page - Analog Devices AD7683 Datasheet HTML 11Page - Analog Devices AD7683 Datasheet HTML 12Page - Analog Devices AD7683 Datasheet HTML 13Page - Analog Devices AD7683 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 9 of 28
Figure 11. Histogram of a DC Input at the Code Center, VREF = 5 V
Figure 12. Histogram of a DC Input at the Code Transition, VREF = 5 V
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
Figure 14. Histogram of a DC Input at the Code Center, VREF = 2.5 V
Figure 15. SNR vs. Input Level
Figure 16. THD, SFDR vs. Reference Voltage
45000
40000
35000
30000
25000
20000
15000
10000
5000
0
FFE1 FFE2 FFE3 FFE4 FFE5 FFE6 FFE7 FFE8 FFE9 FFEA
CODES IN HEX
40000
35000
30000
25000
20000
15000
10000
5000
0
FFD2 FFD3 FFD4 FFD5 FFD6 FFD7 FFD8 FFD9 FFDA FFDB
CODES IN HEX
100
98
96
94
92
90
88
86
84
82
80
16.0
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25
REFERENCE VOLTAGE (V)
SNR
SINAD
ENOB
45000
40000
35000
30000
25000
20000
15000
10000
5000
0
FFF1 FFF2 FFF3 FFF4 FFF5 FFF6 FFF7 FFF8 FFF9
FFFB
FFFA
CODES IN HEX
98
97
96
95
94
93
92
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
INPUT LEVEL (dB)
–95
–125
–110
–115
–105
–100
–120
115
85
100
95
105
110
90
2.25
5.25
REFERENCE VOLTAGE (V)
2.75
3.25
3.75
4.25
4.75
THD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com