Electronic Components Datasheet Search
  English  ▼

X  

AD7683 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7683
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7683 Datasheet HTML 11Page - Analog Devices AD7683 Datasheet HTML 12Page - Analog Devices AD7683 Datasheet HTML 13Page - Analog Devices AD7683 Datasheet HTML 14Page - Analog Devices AD7683 Datasheet HTML 15Page - Analog Devices AD7683 Datasheet HTML 16Page - Analog Devices AD7683 Datasheet HTML 17Page - Analog Devices AD7683 Datasheet HTML 18Page - Analog Devices AD7683 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD7903
Data Sheet
Rev. A | Page 14 of 28
THEORY OF OPERATION
Figure 31. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7903 is a fast, low power, precise, dual 16-bit ADC
using a successive approximation architecture.
The AD7903 is capable of simultaneously converting 1,000,000
samples per second (1 MSPS) and powers down between con-
versions. When operating at 10 kSPS, for example, it typically
consumes 70 µW per ADC, making it ideal for battery-powered
applications.
The AD7903 provides the user with an on-chip track-and-hold
and does not exhibit any pipeline delay or latency, making it
ideal for multichannel multiplexed applications.
The AD7903 can be interfaced to any 1.8 V to 5 V digital logic
family. It is available in a 20-lead QSOP that allows flexible
configurations.
The device is pin-for-pin compatible with the pseudo differential,
16-bit AD7902.
CONVERTER OPERATION
The AD7903 is a dual successive approximation ADC based on
a charge redistribution DAC. Figure 31 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 16 binary-weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase of each ADC, terminals of the
array tied to the input of the comparator are connected to GND
via SWx+ and SWx−. All independent switches are connected
to the analog inputs. Therefore, the capacitor arrays are used as
sampling capacitors and acquire the analog signal on the INx+
and INx− inputs. When the acquisition phase is complete and
the CNVx input goes high, a conversion phase is initiated. When
the conversion phase begins, SWx+ and SWx− are opened first.
The two capacitor arrays are then disconnected from the inputs
and connected to the GND input. Therefore, the differential
voltage between the INx+ and INx− inputs, captured at the end
of the acquisition phase, is applied to the comparator inputs,
causing the comparator to become unbalanced. By switching
each element of the capacitor array between GND and REFx,
the comparator input varies by binary-weighted voltage steps
(VREF/2, VREF/4 ... VREF/65,536). The control logic toggles these
switches, starting with the MSB, to bring the comparator back
into a balanced condition. After the completion of this process,
the part returns to the acquisition phase, and the control logic
generates the ADC output code and a busy signal indicator.
Because the AD7903 has an on-board conversion clock, the
serial clock, SCKx, is not required for the conversion process.
Transfer Functions
The ideal transfer characteristic for the AD7903 is shown in
Figure 32 and Table 7.
Figure 32. ADC Ideal Transfer Function
Table 7. Output Codes and Ideal Input Voltages
Description
Analog Input,
VREF = 5 V
Digital Output
Code (Hex)
FSR − 1 LSB
+4.999962 V
0x7FFF1
Midscale + 1 LSB
+38.15 µV
0x0001
Midscale
0 V
0x0000
Midscale − 1 LSB
−38.15 µV
0xFFFF
−FSR + 1 LSB
−4.999962 V
0x8001
−FSR
−5 V
0x80002
1
This is also the code for an overranged analog input (VIN+ − VIN− above VREF − VGND).
2
This is also the code for an underranged analog input (VIN+ − VIN− below VGND).
COMP
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNVx
CONTROL
LOGIC
SWx+
LSB
SWx–
LSB
INx+
REFx
GND
INx–
MSB
MSB
C
C
4C
2C
16,384C
32,768C
C
C
4C
2C
16,384C
32,768C
100...000
100...001
100...010
011...101
011...110
011...111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com