Electronic Components Datasheet Search
  English  ▼

X  

AD7683 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7683
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7683 Datasheet HTML 2Page - Analog Devices AD7683 Datasheet HTML 3Page - Analog Devices AD7683 Datasheet HTML 4Page - Analog Devices AD7683 Datasheet HTML 5Page - Analog Devices AD7683 Datasheet HTML 6Page - Analog Devices AD7683 Datasheet HTML 7Page - Analog Devices AD7683 Datasheet HTML 8Page - Analog Devices AD7683 Datasheet HTML 9Page - Analog Devices AD7683 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 5 of 28
TIMING SPECIFICATIONS
−40°C to +125°C, VDD = 2.37 V to 2.63 V, VIO = 2.3 V to 5.5 V, unless otherwise stated. See Figure 2 and Figure 3 for load conditions.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time (CNVx Rising Edge to Data Available)
tCONV
500
710
ns
Acquisition Time
tACQ
290
ns
Time Between Conversions
tCYC
VIOx Above 2.3 V
1000
ns
CNVx Pulse Width (CS Mode)
tCNVH
10
ns
SCKx Period (CS Mode)
tSCK
VIOx Above 4.5 V
10.5
ns
VIOx Above 3 V
12
ns
VIOx Above 2.7 V
13
ns
VIOx Above 2.3 V
15
ns
SCKx Period (Chain mode)
tSCK
VIOx Above 4.5 V
11.5
ns
VIOx Above 3 V
13
ns
VIOx Above 2.7 V
14
ns
VIOx Above 2.3 V
16
ns
SCKx Low Time
tSCKL
4.5
ns
SCKx High Time
tSCKH
4.5
ns
SCKx Falling Edge to Data Remains Valid
tHSDO
3
ns
SCKx Falling Edge to Data Valid Delay
tDSDO
VIOx Above 4.5 V
9.5
ns
VIOx Above 3 V
11
ns
VIOx Above 2.7 V
12
ns
VIOx Above 2.3 V
14
ns
CNVx or SDIx Low to SDOx, D15 (MSB) Valid (CS Mode)
tEN
VIOx Above 3 V
10
ns
VIOx Above 2.3 V
15
ns
CNVx or SDIx High or Last SCKx Falling Edge to SDOx High Impedance (CS Mode)
tDIS
20
ns
SDIx Valid Setup Time from CNVx Rising Edge (CS Mode)
tSSDICNV
5
ns
SDIx Valid Hold Time from CNVx Rising Edge (CS Mode)
tHSDICNV
2
ns
SCKx Valid Setup Time from CNVx Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCKx Valid Hold Time from CNVx Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDIx Valid Setup Time from SCKx Falling Edge (Chain Mode)
tSSDISCK
2
ns
SDIx Valid Hold Time from SCKx Falling Edge (Chain Mode)
tHSDISCK
3
ns
SDIx High to SDOx High (Chain Mode with Busy Indicator)
tDSDOSDI
15
ns
Figure 2. Load Circuit for Digital Interface Timing
Figure 3. Voltage Levels for Timing
500µA
IOL
500µA
IOH
1.4V
TO SDOx
CL
20pF
X% VIOx1
Y% VIOx1
VIH2
VIL2
VIL2
VIH2
tDELAY
tDELAY
1
FOR VIOx ≤ 3.0V, X = 90 AND Y = 10; FOR VIOx > 3.0V, X = 70 AND Y = 30.
2 MINIMUM VIH AND MAXIMUM VIL USED. SEE SPECIFICATIONS FOR DIGITAL
INPUTS PARAMETER IN TABLE 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com