Electronic Components Datasheet Search
  English  ▼

X  

ADP2301 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2301
Description  EVAL-AD7903SDZ User Guide UG-609
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2301 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2301 Datasheet HTML 5Page - Analog Devices ADP2301 Datasheet HTML 6Page - Analog Devices ADP2301 Datasheet HTML 7Page - Analog Devices ADP2301 Datasheet HTML 8Page - Analog Devices ADP2301 Datasheet HTML 9Page - Analog Devices ADP2301 Datasheet HTML 10Page - Analog Devices ADP2301 Datasheet HTML 11Page - Analog Devices ADP2301 Datasheet HTML 12Page - Analog Devices ADP2301 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
EVAL-AD7903SDZ User Guide
UG-609
Rev. 0 | Page 9 of 32
Figure 16. Simplified Evaluation Board Functional Block Diagram
SDP BOARD
AD7902/AD7903 PulSAR EVALUATION BOARD
VIN1+
VIN1–
IN1+
IN1–
ADC1
+VS
–VS
GND
+5V
ADSP-BF527
DSP
SPORT
SCK1
SDO1
CNV1
VIO1
SDI1
REF1
+7.5V
VDD1
ADA4841-1
ADA4841-1
A B
–2.5V
–2.5V
+7.5V
GND
VCM
AD8031
POWER SUPPLY CIRCUITRY
ADP7104, ADP2301
VIN = 9V
WALL ADAPTER
VDD
VSDP
GND
(OPTIONAL)
(OPTIONAL)
+7.5V/–2.5V
2.5V
+7.5V
3.3V +5V
ADR435
GLUE
LOGIC
IN2+
IN2–
ADC2
SCK2
SDO2
CNV2
VIO2
SDI2
REF2
+7.5V
VDD2
ADA4841-1
ADA4841-1
A B
–2.5V
–2.5V
+7.5V
GND
GLUE
LOGIC
2.5V
VIN2–
VIN2+
5V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com