Electronic Components Datasheet Search
  English  ▼

X  

ADP2301 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP2301
Description  EVAL-AD7903SDZ User Guide UG-609
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2301 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP2301 Datasheet HTML 24Page - Analog Devices ADP2301 Datasheet HTML 25Page - Analog Devices ADP2301 Datasheet HTML 26Page - Analog Devices ADP2301 Datasheet HTML 27Page - Analog Devices ADP2301 Datasheet HTML 28Page - Analog Devices ADP2301 Datasheet HTML 29Page - Analog Devices ADP2301 Datasheet HTML 30Page - Analog Devices ADP2301 Datasheet HTML 31Page - Analog Devices ADP2301 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
EVAL-AD7903SDZ User Guide
UG-609
Rev. 0 | Page 29 of 32
Reference Designator
Part Description
Manufacturer
Part Number
Stock Code
C24, C29, C32, C36,
C38, C39, C43, C46,
C47, C49, C55, C60,
C61, C62, C63, C68,
C69, C70, C71, C72,
C73, C76, C81
Capacitor ceramic, 50 V, C0G/NP0, 0603
TDK
C1608C0G1H272J
Do not place
R1
Resistor, thick film, 2.4 kΩ, 0603, 100 mW, 1%
Yageo
RC0603FR-072K4L
Farnell 1799329
R2
SMD resistor
Multicomp
MC 0.1W 0805 1% 62K
Farnell 9333436
R3
Resistor, 0603, 35.7 kΩ
Multicomp
MC 0.063W 0603 1%
35K7
Farnell 1170942
R4
SMD resistor
Multicomp
MC 0.0625W 0402 1%
53K6
Farnell 1803723
R5
SMD resistor
Multicomp
MC 0.0625W 0402 1%
10K2
Farnell 1803137
R6
Resistor, 0603, 16.9 kΩ
Multicomp
MC 0.063W 0603 1%
16K9
Farnell 1170908
R7
Resistor, 0805, 12.1 kΩ, 1%
Vishay Draloric
CRCW080512K1FKEA
Farnell 1469866
R10
Resistor, 0603, 82 kΩ, 0.063 W, 1%
Multicomp
MC 0.063W 0603 1%
82K
Farnell 9331573
R11, R13, R42, R44
SMD resistor
Multicomp
MC 0.063W 0603 1%
100K
Farnell 9330402
R12, R14, R20, R21,
R23, R25, R26, R36,
R38, R40, R45, R48,
R53, R56, R63, R64,
R69, R70, R71, R72
SMD resistor
Multicomp
MC 0.063W 0603 0R
Farnell 9331662
R17, R22, R32, R37,
R46, R47, R54, R55
Resistor, 0805, 49.9 Ω, 0.1%, 0.125 W
Panasonic
ERA6AEB49R9V
Farnell 1810805
R27, R28, R34, R35,
R49, R50, R73, R74
Resistor, 0805, 49.9 kΩ, 1%, 0.125 W
Panasonic
ERJ-6ENF4992V
Digi-Key
P49.9KCCT-ND
R24, R41, R67, R68
Resistor, 22 Ω, 1% 0805
Vishay Draloric
CRCW080522ROFKEAHP
Farnell 1738936
R8, R9, R15, R16, R18,
R19, R29, R30, R31, R33,
R39, R44, R59, R60,
R61, R62, R65, R66
Not applicable
Not applicable
Not applicable
Do not place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com