Electronic Components Datasheet Search
  English  ▼

X  

ADP2301 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2301
Description  EVAL-AD7903SDZ User Guide UG-609
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2301 Datasheet(HTML) 3 Page - Analog Devices

  ADP2301 Datasheet HTML 1Page - Analog Devices ADP2301 Datasheet HTML 2Page - Analog Devices ADP2301 Datasheet HTML 3Page - Analog Devices ADP2301 Datasheet HTML 4Page - Analog Devices ADP2301 Datasheet HTML 5Page - Analog Devices ADP2301 Datasheet HTML 6Page - Analog Devices ADP2301 Datasheet HTML 7Page - Analog Devices ADP2301 Datasheet HTML 8Page - Analog Devices ADP2301 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
EVAL-AD7903SDZ User Guide
UG-609
Rev. 0 | Page 3 of 32
GENERAL DESCRIPTION
The EVAL-AD7903SDZ is an evaluation board designed to
demonstrate the low power AD7903 performance and to
provide an easy to understand interface for a variety of system
applications. The AD7903 is a dual differential 16-bit, 1 MSPS
PulSAR® ADC. A full description of the AD7903 is available in
the AD7903 data sheet and should be consulted when using this
evaluation board.
The evaluation board is ideal for use with the Analog Devices, Inc.,
system demonstration platform (SDP) board, EVAL-SDP-CB1Z.
The evaluation board interfaces to the SDP board via a 120-pin
connector. SMA Connectors J6, J7, J10, and J15 are provided to
connect a low noise analog signal source.
The user PC software executable controls the evaluation board
over the USB through the SDP board, EVAL-SDP-CB1Z.
On-board components include the following:
ADR435: high precision, buffered band gap 5.0 V reference
AD8031: reference buffer
ADA4841-1: signal conditioning circuit with op amps
ADP7104 and ADP2301: regulators to derive necessary voltage
levels on board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com