Electronic Components Datasheet Search
  English  ▼

X  

ADP2301 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP2301
Description  EVAL-AD7903SDZ User Guide UG-609
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2301 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP2301 Datasheet HTML 24Page - Analog Devices ADP2301 Datasheet HTML 25Page - Analog Devices ADP2301 Datasheet HTML 26Page - Analog Devices ADP2301 Datasheet HTML 27Page - Analog Devices ADP2301 Datasheet HTML 28Page - Analog Devices ADP2301 Datasheet HTML 29Page - Analog Devices ADP2301 Datasheet HTML 30Page - Analog Devices ADP2301 Datasheet HTML 31Page - Analog Devices ADP2301 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
UG-609
EVAL-AD7903SDZ User Guide
Rev. 0 | Page 28 of 32
BILL OF MATERIALS
Table 4. EVAL-AD7903SDZ Bill of Materials
Reference Designator
Part Description
Manufacturer
Part Number
Stock Code
U1
Dual differential 16-bit, 1 MSPS PulSAR® ADC
Analog Devices
AD7903
AD7903
U2
1.2 A, 20 V, 1.4 MHz nonsynchronous step-
down switching regulator
Analog Devices
ADP2301AUJZ
ADP2301AUJZ-R7
U3
1.2 A, 20 V, 1.4 MHz nonsynchronous step-
down switching regulator
Analog Devices
ADP2301AUJZ
ADP2301AUJZ-R7
U4
Linear regulator, 3.3 V, 20 V, 500 mA,
ultralow noise, CMOS
Analog Devices
ADP7104ARDZ-3.3
ADP7104ARDZ-3.3-R7
U5
2.7 V, 800 µA, 80 MHz rail-to-rail I/O single
amplifier SOT23-5
Analog Devices
AD8031ARTZ
AD8031ARTZ-R2
U6
Ultralow noise XFET voltage references
Analog Devices
ADR435BRZ
ADR435BRZ
U7
Linear regulator, 2.5 V, 20 V, 500 mA, ultralow
noise, CMOS
Analog Devices
ADP7104ARDZ-2.5
ADP7104ARDZ-2.5-R7
U8
Single INV
Fairchild
NC7SZ04M5
Farnell 1013809
U9
Single AND gate
Fairchild
NC7SZ085M5
Farnell 1013807
U10
Single AND gate
Fairchild
NC7SZ085M5
Farnell 1013807
U11
Single AND gate
Fairchild
NC7SZ085M5
Farnell 1013807
U12
Low noise, high speed amplifier for 16-bit
systems
Analog Devices
ADA4841-1YRZ
ADA4841-1YRZ-R7
U13
20 V, 500 mA, low noise, CMOS adjustable LDO
Analog Devices
ADP7104ARDZ
ADP7104ARDZ-R7
U14
Low noise, high speed amplifier for 16-bit
systems
Analog Devices
ADA4841-1YRZ
ADA4841-1YRZ-R7
U15
32k I2C serial EEPROM, 8-lead MSOP
Microchip
24LC32A-I/MS
Farnell 1331330
U16
Low noise, high speed amplifier for 16-bit
systems
Analog Devices
ADA4841-1YRZ
ADA4841-1YRZ-R7
U17
Low noise, high speed amplifier for 16-bit
systems
Analog Devices
ADA4841-1YRZ
ADA4841-1YRZ-R7
C1, C2, C5, C9, C11,
C13, C19
Capacitor tantalum, 20 V
AVX
TAJB106K020RNJ
Farnell 197427
C3, C4, C6, C7
Capacitor ceramic, 4.7 µF, 16 V, X7R, 0805
Taiyo Yuden
EMK212B7475KG-T
Farnell 1853520
C8, C20, C23, C25, C27,
C28, C30, C31, C34,
C37, C41, C42, C44,
C45, C48, C53, C54,
C56, C57, C59, C65,
C67, C77, C78, C80
Capacitor ceramic, 50 V, X7R
Murata
GRM188R71H104KA93D
Farnell 8820023
C9
Capacitor ceramic, 50 V, X7R, 0805
Murata
C0805C104K5RACTU
Farnell 1414664
C12, C40, C79
Capacitor ceramic, 22 µF, 10 V, X7R, 1206
AVX
LMK316AB7226ML-TR
Farnell 1894515
C14
Capacitor ceramic, 4.7 µF, 16 V, X5R, 1206
Taiyo Yuden
EMK316BJ475KL-T
Farnell 6578937
C15, C16, C17, C21,
C22, C26
Capacitor, 0805, 1 µF, 50 V, X7R
Murata
GRM21BR71H105KA12L
Farnell 1735541
C18
Capacitor ceramic, 50 V, X7R
Murata
GRM188R71H103KA01D
Farnell 1118178
C33, C50, C58, C66
Capacitor ceramic ,10 pF, 100 V, C0G, 0603
AVX
06031A100JAT2A
Farnell 1273324
C35, C52, C74, C75
Capacitor ceramic, 2700 pF, 50 V, C0G/NP0,
0603
TDK
C1608C0G1H272J
Farnell 1844178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com