Electronic Components Datasheet Search
  English  ▼

X  

LS027B4DH01 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LS027B4DH01
Description  Technical Literature For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B4DH01 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LS027B4DH01 Datasheet HTML 3Page - Sharp Corporation LS027B4DH01 Datasheet HTML 4Page - Sharp Corporation LS027B4DH01 Datasheet HTML 5Page - Sharp Corporation LS027B4DH01 Datasheet HTML 6Page - Sharp Corporation LS027B4DH01 Datasheet HTML 7Page - Sharp Corporation LS027B4DH01 Datasheet HTML 8Page - Sharp Corporation LS027B4DH01 Datasheet HTML 9Page - Sharp Corporation LS027B4DH01 Datasheet HTML 10Page - Sharp Corporation LS027B4DH01 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SPEC
No.
LCY-12T09602C
MODEL
No.
LS027B4DH01
PAGE
5
[Other Notice]
(1) Operation outside specified environmental conditions cannot be guaranteed.
(2) As power supply (VDD-GND、VDDA-GND) impedance is lowered during use, bus controller should be inserted
near LCD module as much as possible.
(3) Polarizer film is applied over LCD panel surface.
Liquid crystal inside LCD panel deteriorates with ultraviolet ray.
The panel should not be left in direct sun or under strong ultraviolet ray for prolonged period of time even with the
polarizer film.
(4) Disassembling the LCD module will cause permanent damage to the module.
Do not disassemble the module.
(5) If LCD panel is broken, do not ingest the liquid crystal from the broken panel.
If hand, leg, or clothes come in
contact with liquid crystal, wash off immediately with soap.
(6) ODS (specific chlorofuorocarbon, specific halon, 1-1-1 trichloroethane, carbon tetrachloride) are not used or
contained in material or all production processes of this product.
(7) Observe all other precautionary requirements in handling general electronic components.
Discarding liquid crystal modules
LCD Panel
:
Dispose of as glass waste.
This LCD module contains no harmful substances.
The liquid crystal panel contains no dangerous or harmful substances.
This liquid crystal panel contains only an extremely small amount of liquid crystal
(approximately 100mg) and therefore it will not leak even if the panel should break.
Its median lethal dose (LD50) is greater than 2,000 mg/kg and a mutagenetic
(Aims test:
negative) material is used.
FPC
:
(1) FPC bend R should be 0.45mm or greater and R should be even.
In LCD panel an connective area, do not bend FPC into polarizer film side.
(2) Do not hang LCD module by FPC or apply force to FPC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com