Electronic Components Datasheet Search
  English  ▼

X  

LS027B4DH01 Datasheet(PDF) 29 Page - Sharp Corporation

Part # LS027B4DH01
Description  Technical Literature For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B4DH01 Datasheet(HTML) 29 Page - Sharp Corporation

Back Button LS027B4DH01 Datasheet HTML 21Page - Sharp Corporation LS027B4DH01 Datasheet HTML 22Page - Sharp Corporation LS027B4DH01 Datasheet HTML 23Page - Sharp Corporation LS027B4DH01 Datasheet HTML 24Page - Sharp Corporation LS027B4DH01 Datasheet HTML 25Page - Sharp Corporation LS027B4DH01 Datasheet HTML 26Page - Sharp Corporation LS027B4DH01 Datasheet HTML 27Page - Sharp Corporation LS027B4DH01 Datasheet HTML 28Page - Sharp Corporation LS027B4DH01 Datasheet HTML 29Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
SPEC
No.
LCY-12T09602C
MODEL
No.
LS027B4DH01
PAGE
27
12. Reliability Test Conditions
12-1) Reliability test items
Table 12-1 Reliability test items
Test items
Test condition
Remark
1
High temperature storage
Ta=80℃
240h
(Non-operating)
2
Low temperature storage
Ta=-30℃
240h
(Non-operating)
3
High
temperature/humidity
operation
Tp=40℃/95%RH
240h
4
High temperature
operation
Tp=70℃
240h
5
Low temperature
operation
Tp=-20℃
240h
6
Heat shock
Ta=-30℃(1h)~+80℃(1h)/cycle=5cycle
(Non-operating)
7
Electrostatic discharge
±200V、200pF(0Ω) 1 time/each terminal
【Note】 Ta=Surrounding temperature, Tp=Panel temperature
(Evaluation method)
In standard condition, there shall be no practical problems that may affect the display function.
12-2) Panel surface stress specification
“Force of stress [N]” without display failure (display non-uniformity) is defined as follow:
Load testing (minimum):
120[N] or higher
Test conditions)
Module:
LCD panel
Load point:
LCD panel center (glass cloth tape applied in load point area)
Press jig:
φ10mm cylinder
Press speed:
1mm/minute
Support:
Secured on stage
Press time:
Hold for 5 seconds after reaching test press load and then release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com