Electronic Components Datasheet Search
  English  ▼

X  

LS027B4DH01 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LS027B4DH01
Description  Technical Literature For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B4DH01 Datasheet(HTML) 4 Page - Sharp Corporation

  LS027B4DH01 Datasheet HTML 1Page - Sharp Corporation LS027B4DH01 Datasheet HTML 2Page - Sharp Corporation LS027B4DH01 Datasheet HTML 3Page - Sharp Corporation LS027B4DH01 Datasheet HTML 4Page - Sharp Corporation LS027B4DH01 Datasheet HTML 5Page - Sharp Corporation LS027B4DH01 Datasheet HTML 6Page - Sharp Corporation LS027B4DH01 Datasheet HTML 7Page - Sharp Corporation LS027B4DH01 Datasheet HTML 8Page - Sharp Corporation LS027B4DH01 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SPEC
No.
LCY-12T09602C
MODEL
No.
LS027B4DH01
PAGE
2
[For handling and system design]
(1) Handle with care as glass is used in this LCD panel. Dropping or contact against hard object may cause cracks or
chips.
(2) Be careful to handle this LCD panel in order to avoid injury yourself by panel`s edge as this panel is made of glass
and might be a sharp edge.
(3) Do not scratch the surface of the polarizer film as it is easily damaged.
(4) Water droplets on the polarizer film must be wiped off immediately as they may cause color changes, or other
defects if remained for a long time.
(5)Do not leave the LCD panel in direct sun or under ultraviolet ray.
(6) To clean LCD panel surface, wipe clean with absorbent cotton or soft cloth.
If further cleaning is needed, use IPA
(isopropyl alcohol) and wipe clean lightly on surface only.
Do not use organic solvents as it may damage the LCD
panel terminal area which uses organic material.
Also, do not directly touch with finger. When the terminals cleaning
are needed, those should be wiped by a soft cloth or a cotton swab without directly touching by hand.
(7) Do not expose gate driver, etc. on the panel (circuit area outside panel display area) to light as it may not operate
properly.
Design that shields gate driver, etc. from light is required when mounting the LCD module.
(8) To avoid circuit failure, do not touch panel terminal area.
(9) Support for the LCD panel should be carefully designed to avoid stress that exceeds specification on glass surface.
(10) When handling LCD module and assembling them into cabinets, be noted that storage in the environment of
oxidization or deoxidization gas and the use of such materials as reagent, solvent, adhesive, resin, and etc. which
generate these gasses, may cause corrosion and discoloration of LCD modules.
(11)To avoid picture uniformity failure, do not put a seal or an adhesive material on the panel surface.
(12) Do not use chloroprene rubber as it generates chlorine gas and affects reliability in LCD panel connective area.
(13) Protective film is attached to the surface of polarizer film on LCD panel to prevent scratches or other damages.
Remove this protective film before use. In addition, do not attach the protective film which is removed from LCD
module again. When the LCD panel which has the reattached protective film is needed to storage for a long time, the
polarizer film might have a damage with picture quality failure.
(14) Panel is susceptible to mechanical stress and such stress may affect the display.
Place the panel on flat surface
to avoid stress caused by twist, bend, etc.
(15) When transporting LCD panels, secure them in LCD panel tray to avoid mechanical stress.
The tray should be
conductive to protect LCD panels from static charge.
Material used in set or epoxy resin (amine type hardening agent) from packaging, and silicon adhesive
(dealcoholized or oxime) all release gas which may affect quality of polarizer film.
Do confirm compatibility with user
materials.
(16) As this LCD module is composed electronic circuits, it is sensitive to electrostatic discharge of 200V or more.
Handle with care using cautions for the followings:
Operators
Operators must wear anti-static wears to prevent electrostatic charge up to and discharge from human
body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com